Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSTUA32866EC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SSTUA32866EC
Description  1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSTUA32866EC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SSTUA32866EC Datasheet HTML 2Page - NXP Semiconductors SSTUA32866EC Datasheet HTML 3Page - NXP Semiconductors SSTUA32866EC Datasheet HTML 4Page - NXP Semiconductors SSTUA32866EC Datasheet HTML 5Page - NXP Semiconductors SSTUA32866EC Datasheet HTML 6Page - NXP Semiconductors SSTUA32866EC Datasheet HTML 7Page - NXP Semiconductors SSTUA32866EC Datasheet HTML 8Page - NXP Semiconductors SSTUA32866EC Datasheet HTML 9Page - NXP Semiconductors SSTUA32866EC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
9397 750 14759
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 15 July 2005
6 of 27
Philips Semiconductors
SSTUA32866
1.8 V DDR2-667 configurable registered buffer with parity
6.2 Pin description
Table 2:
Pin description
Symbol
Pin
Type
Description
GND
B3, B4, D3, D4,
F3, F4, H3, H4,
K3, K4, M3, M4,
P3, P4
ground input
ground
VDD
A4, C3, C4, E3,
E4, G3, G4, J3,
J4, L3, L4, N3,
N4, R3, R4, T4
1.8 V nominal
power supply voltage
VREF
A3, T3
0.9 V nominal
input reference voltage
CK
H1
Differential input
positive master clock input
CK
J1
Differential input
negative master clock input
C0
G6
LVCMOS inputs
Configuration control inputs; Register A
or Register B and 1 : 1 mode or
1 : 2 mode select.
C1
G5
RESET
G2
LVCMOS input
Asynchronous reset input (active LOW).
Resets registers and disables VREF data
and clock.
CSR
J2
SSTL_18 input
Chip select inputs (active LOW). Disables
D1 to D25 [2] outputs switching when both
inputs are HIGH.
DCS
H2
D1 to D25
[1]
SSTL_18 input
Data input. Clocked in on the crossing of
the rising edge of CK and the falling edge
of CK.
DODT
[1]
SSTL_18 input
The outputs of this register bit will not be
suspended by the DCS and CSR control.
DCKE
[1]
SSTL_18 input
The outputs of this register bit will not be
suspended by the DCS and CSR control.
PAR_IN
G1
SSTL_18 input
Parity input. Arrives one clock cycle after
the corresponding data input.
Q1 to Q25,
Q2A to Q14A,
Q1B to Q14B
[1]
1.8 V CMOS
outputs
Data outputs that are suspended by the
DCS and CSR control [3].
PPO
A2
1.8 V CMOS
output
Partial parity out. Indicates odd parity of
inputs D1 to D25 [2].
QCS, QCSA,
QCSB
[1]
1.8 V CMOS
output
Data output that will not be suspended by
the DCS and CSR control.
QODT, QODTA,
QODTB
[1]
1.8 V CMOS
output
Data output that will not be suspended by
the DCS and CSR control.
QCKE, QCKEA,
QCKEB
[1]
1.8 V CMOS
output
Data output that will not be suspended by
the DCS and CSR control.


Similar Part No. - SSTUA32866EC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTUA32866EC NXP-SSTUA32866EC Datasheet
161Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Rev. 02-26 March 2007
SSTUA32866EC/G NXP-SSTUA32866EC/G Datasheet
161Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Rev. 02-26 March 2007
More results

Similar Description - SSTUA32866EC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTUA32866 NXP-SSTUA32866 Datasheet
161Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Rev. 02-26 March 2007
SSTU32866 PHILIPS-SSTU32866 Datasheet
166Kb / 29P
   1.8 V 25-bit 1:1 or 14-bit 1:2 configurable registered buffer with parity for DDR2 RDIMM applications
Rev. 02-11 November 2004
SSTUM32866 NXP-SSTUM32866 Datasheet
158Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-29 June 2007
SSTUB32866 PHILIPS-SSTUB32866 Datasheet
154Kb / 29P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 02-9 October 2006
SSTUB32866 NXP-SSTUB32866_10 Datasheet
248Kb / 30P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 04-15 April 2010
SSTUA32S865 NXP-SSTUA32S865 Datasheet
160Kb / 29P
   1.8 V 28-bit 1 : 2 registered buffer with parity for DDR2-667 RDIMM applications
Rev. 02-16 March 2007
SSTUH32866 PHILIPS-SSTUH32866 Datasheet
158Kb / 28P
   1.8 V high output drive 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2 RDIMM applications
Rev. 01-13 May 2005
SSTUB32868 NXP-SSTUB32868 Datasheet
264Kb / 30P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 04-22 April 2010
SSTUM32868 NXP-SSTUM32868 Datasheet
177Kb / 30P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 02-2 March 2007
SSTUG32868 NXP-SSTUG32868 Datasheet
174Kb / 29P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-23 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com