Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATV5000-35UM-883 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATV5000-35UM-883
Description  High Density UV Erasable Programmable Logic Device
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV5000-35UM-883 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATV5000-35UM-883 Datasheet HTML 5Page - ATMEL Corporation ATV5000-35UM-883 Datasheet HTML 6Page - ATMEL Corporation ATV5000-35UM-883 Datasheet HTML 7Page - ATMEL Corporation ATV5000-35UM-883 Datasheet HTML 8Page - ATMEL Corporation ATV5000-35UM-883 Datasheet HTML 9Page - ATMEL Corporation ATV5000-35UM-883 Datasheet HTML 10Page - ATMEL Corporation ATV5000-35UM-883 Datasheet HTML 11Page - ATMEL Corporation ATV5000-35UM-883 Datasheet HTML 12Page - ATMEL Corporation ATV5000-35UM-883 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying of the
ATV5000 fuse patterns. Once programmed, all outputs appear
programmed during verify. The security fuse should be pro-
grammed last (after verifying all other programmed bits), as its
effect is immediate.
The security fuse also inhibits preload and observability.
Erasure Characteristics
The entire memory array of an ATV5000 is erased after expo-
sure to ultraviolet light at a wavelength of 2537 Å. Complete
erasure is assured after a minimum of 20 minutes exposure using
12,000
µW/cm
2 intensity lamps spaced one inch away from the
chip. Minimum erase time for lamps at other intensity ratings
can be calculated from the minimum integrated erasure dose of
15 Wsec/cm
2. To prevent unintentional erasure, an opaque la-
bel is recommended to cover the clear window on any UV eras-
able PLD which will be subjected to continuous fluorescent in-
door lighting or sunlight.
ATV5000 PLCC/PGA Pin Assignments
PLCC
Pin
PGA
Pin
Name
PLCC
Pin
PGA
Pin
Name
PLCC
Pin
PGA
Pin
Name
PLCC
Pin
PGA
Pin
Name
1
B6
IN
18
F2
I/O
35
K6
IN
52
F10
I/O
2
A6
IN
19
F1
I/O
36
L6
IN
53
F11
I/O
3
B5
VCC
20
G2
VCC
37
K7
VCC
54
E10
VCC
4
A5
I/O
21
G1
I/O
38
L7
I/O
55
E11
I/O
5
B4
I/O
22
H2
I/O
39
K8
I/O
56
D10
I/O
6
A4
I/O
23
H1
I/O
40
L8
I/O
57
D11
I/O
7
B3
I/O
24
J2
I/O
41
K9
I/O
58
C10
I/O
8
A3
I/O
25
J1
I/O
42
L9
I/O
59
C11
I/O
9
A2
I/O
26
K1
I/O
43
L10
I/O
60
B11
I/O
10
B2
I/O
27
K2
I/O
44
K10
I/O
61
B10
I/O
11
B1
I/O
28
L2
I/O
45
K11
I/O
62
A10
I/O
12
C2
I/O
29
K3
I/O
46
J10
I/O
63
B9
I/O
13
C1
I/O
30
L3
I/O
47
J11
I/O
64
A9
I/O
14
D2
I/O
31
K4
I/O
48
H10
I/O
65
B8
I/O
15
D1
I/O
32
L4
IN
49
H11
I/O
66
A8
IN
16
E2
GND
33
K5
GND
50
G10
GND
67
B7
GND
17
E1
I/O
34
L5
IN
51
G11
I/O
68
A7
IN
Pin Capacitance
(f = 1 MHz, T = 25°C)
(1)
Typ
Max
Units
Conditions
CIN
68
pF
VIN = 0 V
COUT
812
pF
VOUT = 0 V
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
1-202
ATV5000/L


Similar Part No. - ATV5000-35UM-883

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ATV50C110-HF COMCHIP-ATV50C110-HF Datasheet
124Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - ATV5000-35UM-883

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com