Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCA182S Datasheet(PDF) 3 Page - Clare, Inc.

Part # LCA182S
Description  Single Pole OptoMOS Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA182S Datasheet(HTML) 3 Page - Clare, Inc.

  LCA182S Datasheet HTML 1Page - Clare, Inc. LCA182S Datasheet HTML 2Page - Clare, Inc. LCA182S Datasheet HTML 3Page - Clare, Inc. LCA182S Datasheet HTML 4Page - Clare, Inc. LCA182S Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LCA182
www.clare.com
3
R01.1
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PERFORMANCE DATA*
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
35
30
25
20
15
10
5
0
21.5
21.9
22.3
22.7
21.7
22.1
22.5
35
30
25
20
15
10
5
0
390
410
430
450
400
420
440
Blocking Voltage (V)
0.10
0.20
0.15
0.25
LED Current (mA)
35
30
25
20
15
10
5
0
35
30
25
20
15
10
5
0
0.10
0.20
0.15
0.25
LED Current (mA)
)
0.436
0.476
0.516
0.456
0.496
0.536
Turn-On (ms)
25
20
15
10
5
0
0.183
0.203
0.223
0.233
0.213
0.193
Turn-Off (ms)
25
20
15
10
5
0
LCA182
Typical Load Current vs. Temperature
210
200
180
160
140
120
100
80
60
0
-40
-20
0
20
40
60
80
120
100
IF=2mA
IF=1mA
IF=2mA
IF=1mA
DC Configuration
AC/DC Configuration
LCA182
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
LCA182
Typical Blocking Voltage
vs. Temperature
-40
430
425
420
415
410
405
400
395
-20
0
20
40
60
80
100
LCA182
Typical Turn-On vs. Temperature
(Load Current = 70mADC)
IF=.25mA
IF=5mA
-40
5.000
4.500
4.000
3.500
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
IF=.5mA
LCA182
Typical Turn-Off vs. Temperature
(Load Current = 70mADC)
-40
1.000
0.900
0.800
0.700
0.600
0.500
0.400
0.300
0.200
0.100
0
-20
0
20
40
60
80
100
IF=.25mA


Similar Part No. - LCA182S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA182S IXYS-LCA182S Datasheet
123Kb / 7P
   Single Pole, Normally Open OptMOS Relay
LCA182STR IXYS-LCA182STR Datasheet
123Kb / 7P
   Single Pole, Normally Open OptMOS Relay
More results

Similar Description - LCA182S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
   Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
   Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
   Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
   Single Pole OptoMOS Relay
TS122 CLARE-TS122 Datasheet
120Kb / 8P
   Single Pole OptoMOS Relay
XCA170 CLARE-XCA170 Datasheet
99Kb / 7P
   SINGLE POLE OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
   SINGLE POLE OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
   Single Pole OptoMOS Relay
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
   Single-Pole OptoMOS Relay
logo
Clare, Inc.
LCA100 CLARE-LCA100 Datasheet
102Kb / 6P
   Single Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com