Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAA132S Datasheet(PDF) 4 Page - Clare, Inc.

Part # PAA132S
Description  Dual Pole OptoMOS Relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PAA132S Datasheet(HTML) 4 Page - Clare, Inc.

  PAA132S Datasheet HTML 1Page - Clare, Inc. PAA132S Datasheet HTML 2Page - Clare, Inc. PAA132S Datasheet HTML 3Page - Clare, Inc. PAA132S Datasheet HTML 4Page - Clare, Inc. PAA132S Datasheet HTML 5Page - Clare, Inc. PAA132S Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
PAA132
R01.6
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PAA132
LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
-40 -20
0
20
40
60
80
120
100
5mA
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
PAA132
Typical Turn-On vs. LED Forward Current
(Load Current = 600mADC)
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
PAA132
Typical Turn-Off vs. LED Forward Current
(Load Current = 600mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
PAA132
Typical On-Resistance vs. Temperature
(Load Current @600 mA AC/DC; IF=5mA)
Temperature (
°C)
-40
-20
0
20
40
60
80
100
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
Two Pole Operation
One Pole Operation
PAA132
Typical Load Current vs. Load Voltage
Ambient Temperature = 25
°C
I =5mA
Load Voltage (V)
0.6
0.4
0.2
0
0.2
0.4
0.6
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
F
PAA132
Energy Rating Curve
Time
1.2
1.0
0.8
0.6
0.4
0.2
0
10
µs
1ms
100
µs
100ms
1s
10ms
10s
100s
PAA132
Typical IF for Switch Operation
vs. Temperature
Load Current = 600mA
Temperature (
°C)
-40
-20
0
20
40
60
80
100
0
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
PAA132
Typical IF for Switch Dropout
vs. Temperature
Load Current = 600mA
Temperature (
°C)
-40
-20
0
20
40
60
80
100
0
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2


Similar Part No. - PAA132S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA132S CLARE-PAA132S Datasheet
137Kb / 6P
   Dual Single-Pole OptoMOS짰 Relays
PAA132STR CLARE-PAA132STR Datasheet
137Kb / 6P
   Dual Single-Pole OptoMOS짰 Relays
More results

Similar Description - PAA132S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
   Dual Pole OptoMOS Relays
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
   Dual Pole OptoMOS Relays
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
   Dual Pole OptoMOS Relays
logo
IXYS Corporation
PAA193 IXYS-PAA193 Datasheet
122Kb / 7P
   Dual Pole OptoMOS Relays
logo
Clare, Inc.
LAA110 CLARE-LAA110 Datasheet
137Kb / 6P
   Dual Pole OptoMOS Relays
LAA710 CLARE-LAA710 Datasheet
181Kb / 6P
   Dual Pole OptoMOS Relays
LAA110L CLARE-LAA110L Datasheet
149Kb / 7P
   Dual Pole OptoMOS Relays
LAA125 CLARE-LAA125 Datasheet
237Kb / 6P
   DUAL POLE OptoMOS Relays
LCA210 CLARE-LCA210 Datasheet
201Kb / 6P
   Dual Pole OptoMOS Relays
logo
IXYS Corporation
LAA125L IXYS-LAA125L Datasheet
134Kb / 7P
   Dual Single Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com