Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAA140PL Datasheet(PDF) 3 Page - Clare, Inc.

Part # PAA140PL
Description  Dual Pole OptoMOS Relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PAA140PL Datasheet(HTML) 3 Page - Clare, Inc.

  PAA140PL Datasheet HTML 1Page - Clare, Inc. PAA140PL Datasheet HTML 2Page - Clare, Inc. PAA140PL Datasheet HTML 3Page - Clare, Inc. PAA140PL Datasheet HTML 4Page - Clare, Inc. PAA140PL Datasheet HTML 5Page - Clare, Inc. PAA140PL Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAA140L
www.clare.com
3
Rev 1.0
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PAA140L
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C; IF = 5mADC)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
PAA140L
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 200mADC, IF = 5mADC)
35
30
25
20
15
10
5
0
5.38
6.08
6.78
5.03
5.73
6.43
7.13
On-Resistance (
Ω)
PAA140L
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
430
454
478
502
442
466
490
Blocking Voltage (V)
PAA140L
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 200mADC)
2.1
3.3
4.5
1.5
2.7
3.9
5.1
LED Current (mA)
25
20
15
10
5
0
PAA140L
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 200mADC)
25
20
15
10
5
0
1.5
2.7
3.9
0.9
2.1
3.3
4.5
LED Current (mA)
PAA140L
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 200mADC; IF = 5mADC)
0.65
1.17
1.69
1.95
0.39
0.91
1.43
Turn-On (ms)
25
20
15
10
5
0
PAA140L
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 200mADC; IF = 5mADC)
0.078
0.054
0.030
0.066
0.090
0.042
0.018
Turn-Off (ms)
25
20
15
10
5
0
PAA140L
Typical Maximum Load
Current vs. Temperature
Temperature (
°C)
300
250
200
150
100
50
-40
-20
0
20
40
60
80
120
100
I =10mA
F
I =5mA
F
I =10mA
F
I =5mA
F
One Pole Operating
Two Poles Operating
PAA140L
Typical Leakage vs. Temperature
(Measured across Pins 5 & 6 or 7 & 8)
Temperature (
°C)
-40
0.12
0.10
0.08
0.06
0.04
0.02
0
-20
0
20
40
60
80
100
PAA140L
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
485
480
475
470
465
460
455
450
445
-20
0
20
40
60
80
100
PAA140L
Typical Turn-On vs. Temperature
(Load Current = 250mADC)
Temperature (
°C)
-40
2.50
2.00
1.50
1.00
0.50
0
-20
0
20
40
60
80
100
5mA
10mA
20mA
PAA140L
Typical Turn-Off vs. Temperature
(Load Current = 250mADC)
Temperature (
°C)
-40
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
5mA


Similar Part No. - PAA140PL

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA140P CLARE-PAA140P Datasheet
150Kb / 7P
   Single Pole OptoMOS Relays
logo
IXYS Corporation
PAA140P IXYS-PAA140P Datasheet
132Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relays
logo
Clare, Inc.
PAA140PTR CLARE-PAA140PTR Datasheet
150Kb / 7P
   Single Pole OptoMOS Relays
logo
IXYS Corporation
PAA140PTR IXYS-PAA140PTR Datasheet
132Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relays
More results

Similar Description - PAA140PL

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
   Dual Pole OptoMOS Relays
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
   Dual Pole OptoMOS Relays
logo
IXYS Corporation
PAA193 IXYS-PAA193 Datasheet
122Kb / 7P
   Dual Pole OptoMOS Relays
logo
Clare, Inc.
LAA110 CLARE-LAA110 Datasheet
137Kb / 6P
   Dual Pole OptoMOS Relays
LAA710 CLARE-LAA710 Datasheet
181Kb / 6P
   Dual Pole OptoMOS Relays
PAA132 CLARE-PAA132 Datasheet
281Kb / 6P
   Dual Pole OptoMOS Relays
LAA110L CLARE-LAA110L Datasheet
149Kb / 7P
   Dual Pole OptoMOS Relays
LAA125 CLARE-LAA125 Datasheet
237Kb / 6P
   DUAL POLE OptoMOS Relays
LCA210 CLARE-LCA210 Datasheet
201Kb / 6P
   Dual Pole OptoMOS Relays
logo
IXYS Corporation
LAA125L IXYS-LAA125L Datasheet
134Kb / 7P
   Dual Single Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com