Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMD8M36M6 Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMD8M36M6
Description  32Mbyte(8Mx36) 72-pin SIMM FP with Parity Mode, 4K Ref. 5V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD8M36M6 Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMD8M36M6 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD8M36M6 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD8M36M6 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD8M36M6 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD8M36M6 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD8M36M6 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HANBit
HMD8M36M6G
URL:www.hbe.co.kr
- 4 -
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
ICC4 : Fast Page Mode Current * (/RAS=VIL, /CAS, Address cycling @tPC=min )
ICC5 : Standby Current (/RAS=/CAS=Vcc-0.2V )
ICC6 : /CAS-Before-/RAS Refresh Current * (/RAS and /CAS cycling @tRC=min )
IIL : Input Leakage Current (Any input 0V ≤ VIN ≤ 6.5V, all other pins not under test = 0V)
IOL : Output Leakage Current (Data out is disabled, 0V ≤ VOUT ≤ 5.5V
VOH : Output High Voltage Level (IOH= -5mA )
VOL : Output Low Voltage Level (IOL = 4.2mA )
* NOTE: ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the
output open. ICC is specified as an average current. In ICC1 and ICC3, address cad be changed maximum once
while /RAS=VIL. In ICC4, address can be changed maximum once within one page mode cycle.
CAPACITANCE ( T
A=25
o
C, Vcc = 5V, f = 1Mz )
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Input Capacitance (A0-A11)
CIN1
-
110
pF
Input Capacitance (/W)
C IN2
-
130
pF
Input Capacitance (/RAS0)
CIN3
-
40
pF
Input Capacitance (/CAS0-/CAS3)
CIN4
-
30
pF
Input/Output Capacitance (DQ)
CDQ
-
20
pF
AC CHARACTERISTICS ( 0
o
C
≤ T
A ≤ 70
oC , Vcc = 5V±10%, See notes 1,2.)
-5
-6
STANDARD OPERATION
SYMBOL
MIN
MAX
MIN
MA
X
UNIT
Random read or write cycle time
tRC
90
110
ns
Access time from /RAS
tRAC
50
60
ns
Access time from /CAS
tCAC
13
15
ns
Access time from column address
tAA
25
30
ns
/CAS to output in Low-Z
tCLZ
0
0
ns
Output buffer turn-off delay
tOFF
0
13
0
15
ns
Transition time (rise and fall)
tT
3
50
3
50
ns
/RAS precharge time
tRP
30
40
ns
/RAS pulse width
tRAS
50
10K
60
10K
ns
/RAS hold time
tRSH
13
15
ns
/CAS hold time
tCSH
50
60
ns
/CAS pulse width
tCAS
13
10K
15
10K
ns
/RAS to /CAS delay time
tRCD
20
37
20
45
ns
/RAS to column address delay time
tRAD
15
25
15
30
ns
/CAS to /RAS precharge time
tCRP
5
5
ns
Row address set-up time
tASR
0
0
ns


Similar Part No. - HMD8M36M6

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD8M36M6E HANBIT-HMD8M36M6E Datasheet
54Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM EDO with Parity Mode, 4K Ref. 5V
HMD8M36M6EG HANBIT-HMD8M36M6EG Datasheet
54Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM EDO with Parity Mode, 4K Ref. 5V
HMD8M36M6EG-5 HANBIT-HMD8M36M6EG-5 Datasheet
54Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM EDO with Parity Mode, 4K Ref. 5V
HMD8M36M6EG-6 HANBIT-HMD8M36M6EG-6 Datasheet
54Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM EDO with Parity Mode, 4K Ref. 5V
More results

Similar Description - HMD8M36M6

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD8M36M6EG HANBIT-HMD8M36M6EG Datasheet
54Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM EDO with Parity Mode, 4K Ref. 5V
HMD8M36M18G HANBIT-HMD8M36M18G Datasheet
88Kb / 7P
   32Mbyte(8Mx36) 72-pin FP with Parity MODE 2K Ref. SIMM Design 5V
HMD8M32M4G HANBIT-HMD8M32M4G Datasheet
64Kb / 7P
   32Mbyte(8Mx32) 72-pin SIMM, FP Mode, 4K Ref. 5V
HMD8M36M24EG HANBIT-HMD8M36M24EG Datasheet
158Kb / 7P
   32Mbyte(8Mx36) 72-pin EDO with Parity MODE 2K Ref. SIMM Design 5V
HMD8M32M4EG HANBIT-HMD8M32M4EG Datasheet
61Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD4M36M3EG HANBIT-HMD4M36M3EG Datasheet
53Kb / 6P
   16Mbyte(4Mx36) 72-pin SIMM EDO with Parity MODE, 4K Ref. 5V
HMD16M32M8G HANBIT-HMD16M32M8G Datasheet
113Kb / 10P
   64Mbyte(16Mx32) 72-pin FP Mode 4K Ref. SIMM Design 5V
HMD4M36M9EG HANBIT-HMD4M36M9EG Datasheet
56Kb / 7P
   16Mbyte(4Mx36) 72-pin SIMM, EDO with Parity Mode, 2K/4K Ref. 5V
HMD8M32M16EG HANBIT-HMD8M32M16EG Datasheet
66Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M32M16EBG HANBIT-HMD8M32M16EBG Datasheet
89Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com