Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMD2564Z1-5 Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMD2564Z1-5
Description  1Mbit(256x4bit) Fast Page Mode, 1K Refresh, 20Pin ZIP, 5V Design
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD2564Z1-5 Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMD2564Z1-5 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD2564Z1-5 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD2564Z1-5 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD2564Z1-5 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD2564Z1-5 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD2564Z1-5 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HANBit
HMD2564Z1
HANBit Electronics Co.,Ltd.
5
4. Operation with the tRCD (max) limit insures that tRAC (max) can be met, tRCD (max) is specified as a reference point only,
if tRCD is greater than the specified tRCD(max) limit, then access time is controlled exclusively by tCAC .
5. Assumes that tRCD <= tRCD (max).
6. This parameter defines the time at which the output achieves the open circuit condition and is not referenced to VOH /
VOL .
7. TWCS, TRWD, TCWD, TCPWD are non restrictive operating parameter. They are included in the data sheet as electrical
characteristics
only. If twcs >= twcs (min), the cycle is an early write cycle and the data out pin will remain open circuit (high impedance)
throughout
the entire cycle. If tCWD >= tCWD (min), tRWD >= tRWD (min), TCPWD>= TCPWD(min), then the cycle is a read-modify-write
cycle and the data output will contain the data read from the selected address. If neither of the above conditions is
satisfied, the condition of the data out is indeterminate.
8. Either tRCH or tRRH must be satisfied for a read cycles.
9. These parameters are referenced to /CAS falling edge in early write cycles and to /WE falling edge in /OE controlled
write cycle and read-modify-write cycles.
10. Operation with the tRAD (max) limit insures that tRAC (max) can be met, tRAD (max) is specified as a reference point only,
if tRAD is greater than the specified tRAD (max) limit, then access time is controlled exclusively by tAA.
11. tASC, tCAH are are referenced to the earlier /CAS falling edge.
12. tCP is specified from the later /CAS rising edge in the previous cycle to the earlier /CAS falling edge in the next cycle.
13. tCWD is referenced to the later /CAS falling edge at word read-modify-write cycle.
14. tCWL is specified from /WE falling edge to the earlier /CAS rising edge .
15. tCSR is referenced to the earlier /CAS falling edge before /RAS transition low.
16. tCHR is referenced to the later /CAS rising edge after /RAS transition low.
PACKAGING INFORMATION


Similar Part No. - HMD2564Z1-5

ManufacturerPart #DatasheetDescription
logo
ZHEJIANG HUAJING RECTIF...
HMD250A HUAJING-HMD250A Datasheet
309Kb / 4P
   PV diode module
HMD25A HUAJING-HMD25A Datasheet
257Kb / 3P
   PV diode module
More results

Similar Description - HMD2564Z1-5

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD1M1Z1 HANBIT-HMD1M1Z1 Datasheet
210Kb / 6P
   1Mbit(1Mx1bit) Fast Page Mode, 1K Refresh, 20Pin ZIP, 5V Design
HMD1M4Z1 HANBIT-HMD1M4Z1 Datasheet
210Kb / 6P
   4Mbit(1Mx4bit) Fast Page Mode, 1K Refresh, 20Pin ZIP, 5V Design
HMD4M1Z1 HANBIT-HMD4M1Z1 Datasheet
209Kb / 6P
   4Mbit(4Mx1bit) Fast Page Mode, 1K Refresh, 20Pin ZIP, 5V Design
HMD1M32M2G HANBIT-HMD1M32M2G Datasheet
221Kb / 8P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2GL HANBIT-HMD1M32M2GL Datasheet
223Kb / 7P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD2M32M4EAG HANBIT-HMD2M32M4EAG Datasheet
63Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
HMD2M32M4E HANBIT-HMD2M32M4E Datasheet
134Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
HMD1M32M2EG HANBIT-HMD1M32M2EG Datasheet
66Kb / 7P
   4Mbyte(1Mx32) EDO Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD4M32M2G HANBIT-HMD4M32M2G Datasheet
53Kb / 7P
   16Mbyte(4Mx32) 72-pin SIMM Fast Page Mode, 4K Refresh, 5V
HMD32M32M16G HANBIT-HMD32M32M16G Datasheet
93Kb / 7P
   128Mbyte (32Mx32) 72-pin Fast Page Mode 4K Ref. SIMM Design 5V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com