Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMF1M32M8P Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMF1M32M8P
Description  FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF1M32M8P Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMF1M32M8P Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF1M32M8P Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF1M32M8P Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF1M32M8P Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF1M32M8P Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF1M32M8P Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF1M32M8P Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF1M32M8P Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF1M32M8P Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HANBit
HMF1M32M8P
URL : www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
5
Input : 0.8V, Incase of 55ns-1.5V
Output : 2.0V, In case of 55ns-1.5V
u Erase/Program Operations
PARAMETER SYMBOLS
JEDEC
STANDARD
DESCRIPTION
-55
-90
UNIT
tAVAV
tWC
Write Cycle Time
Min
55
90
ns
tAVWL
tAS
Address Setup Time
Min
0
0
ns
tWLAX
tAH
Address Hold Time
Min
40
45
ns
tDVWH
tDS
Data Setup Time
Min
25
45
ns
tWHDX
tDH
Data Hold Time
Min
0
0
ns
tOES
Output Enable Setup Time
Min
0
0
ns
tGHWL
tGHWL
Read Recover Time Before Write
Min
0
0
ns
tELWL
tCS
/CE Setup Time
Min
0
0
ns
tWHEH
tCH
/CE Hold Time
Min
0
0
ns
tWLWH
tWP
Write Pulse Width
Min
30
45
ns
tWHWL
tWPH
Write Pulse Width High
Min
20
20
ns
tWHWH1
tWHWH1
Byte Programming Operation
Typ
7
7
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note1)
Typ
1
1
sec
tVCS
Vcc set up time
Min
50
50
µs
Notes :
1. This does not include the preprogramming time
2. This timing is only for Sector Protect operations
5.0V
Device
Under
Test
2.7k
Diodes = IN3064
or Equivalent
6.2k
IN3064
or Equivalent
CL
Note : CL = 100pF including jig capacitance


Similar Part No. - HMF1M32M8P

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF1M32M8G HANBIT-HMF1M32M8G Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8G-120 HANBIT-HMF1M32M8G-120 Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8G-55 HANBIT-HMF1M32M8G-55 Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8G-70 HANBIT-HMF1M32M8G-70 Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8G-90 HANBIT-HMF1M32M8G-90 Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
More results

Similar Description - HMF1M32M8P

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF1M32M4GL HANBIT-HMF1M32M4GL Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMF1M32M8S HANBIT-HMF1M32M8S Datasheet
423Kb / 10P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8G HANBIT-HMF1M32M8G Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M8A HANBIT-HMF2M32M8A Datasheet
298Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M4GL HANBIT-HMF2M32M4GL Datasheet
414Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M4V HANBIT-HMF1M32M4V Datasheet
422Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF2M32M8G HANBIT-HMF2M32M8G Datasheet
423Kb / 11P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM
HMF3M32M6V HANBIT-HMF3M32M6V Datasheet
422Kb / 12P
   FLASH-ROM MODULE 12MByte (3M x 32-Bit) ,72pin-SIMM, 3.3V
HMF6M32M6V HANBIT-HMF6M32M6V Datasheet
510Kb / 11P
   FLASH-ROM MODULE 24MByte (6M x 32-Bit) ,72pin-SIMM, 3.0V
HMF6M32M6VA HANBIT-HMF6M32M6VA Datasheet
424Kb / 13P
   FLASH-ROM MODULE 24MByte (6M x 32-Bit) ,72pin-SIMM, 3.0V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com