Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMF2M32M4GL-90 Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMF2M32M4GL-90
Description  FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF2M32M4GL-90 Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMF2M32M4GL-90 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF2M32M4GL-90 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF2M32M4GL-90 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF2M32M4GL-90 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF2M32M4GL-90 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF2M32M4GL-90 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF2M32M4GL-90 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF2M32M4GL-90 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF2M32M4GL-90 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HANBit
HMF2M32M4GL
URL:www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
4
3. Maximum Icc current specifications are tested with Vcc=Vcc max
ERASE AND PROGRAMMING PERFORMANCE
LIMITS
PARAMETER
MIN.
TYP.
MAX.
UNIT
COMMENTS
Sector Erase Time
-
1
8
sec
Excludes 00H programming
prior to erasure
Byte Programming Time
-
7
300
µs
Excludes system-level
overhead
Chip Programming Time
-
14.4
43.2
sec
Excludes system-level
overhead
TSOP CAPACITANCE
PARAMETER
SYMBOL
PARAMETER
DESCRIPTION
TEST SETUP
MIN
MAX
UNIT
CIN
Input Capacitance
VIN = 0
6
7.5
pF
COUT
Output Capacitance
VOUT = 0
8.5
12
pF
CIN2
Control Pin Capacitance
VIN = 0
7.5
9
pF
Notes : Test conditions TA = 25
o C, f=1.0 MHz.
AC CHARACTERISTICS
u Read Only Operations Characteristics
PARAMETER
SYMBOLS
JEDEC
STANDARD
DESCRIPTION
TEST SETUP
-75
-90
UNIT
tAVAV
tRC
Read Cycle Time
Min
70
90
ns
tAVQV
tACC
Address to Output Delay
/CE = VIL
/OE = VIL
Max
70
90
ns
tELQV
tCE
Chip Enable to Output Delay
/OE = VIL
Max
70
90
ns
tGLQV
tOE
Chip Enable to Output Delay
Max
40
40
ns
tEHQZ
tDF
Chip Enable to Output High-Z
Max
20
20
ns
tGHQZ
tDF
Output Enable to Output High -Z
Max
20
20
ns
tAXQX
tQH
Output Hold Time From Addresses,
/CE or /OE, Whichever Occurs First
Min
0
0
ns


Similar Part No. - HMF2M32M4GL-90

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M32M4VGL HANBIT-HMF2M32M4VGL Datasheet
426Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF2M32M4VGL-120 HANBIT-HMF2M32M4VGL-120 Datasheet
426Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF2M32M4VGL-70 HANBIT-HMF2M32M4VGL-70 Datasheet
426Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF2M32M4VGL-80 HANBIT-HMF2M32M4VGL-80 Datasheet
426Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF2M32M4VGL-90 HANBIT-HMF2M32M4VGL-90 Datasheet
426Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
More results

Similar Description - HMF2M32M4GL-90

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M32M8A HANBIT-HMF2M32M8A Datasheet
298Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M8G HANBIT-HMF2M32M8G Datasheet
423Kb / 11P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM
HF08-CS2501 HANBIT-HF08-CS2501 Datasheet
446Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 80pin-SIMM, 5V
HMF1M32M8S HANBIT-HMF1M32M8S Datasheet
423Kb / 10P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M4GL HANBIT-HMF1M32M4GL Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMF1M32M8G HANBIT-HMF1M32M8G Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8P HANBIT-HMF1M32M8P Datasheet
424Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M4VGL HANBIT-HMF2M32M4VGL Datasheet
426Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF3M32M6V HANBIT-HMF3M32M6V Datasheet
422Kb / 12P
   FLASH-ROM MODULE 12MByte (3M x 32-Bit) ,72pin-SIMM, 3.3V
HMF6M32M6V HANBIT-HMF6M32M6V Datasheet
510Kb / 11P
   FLASH-ROM MODULE 24MByte (6M x 32-Bit) ,72pin-SIMM, 3.0V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com