Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMF2M32M4VGL-90 Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part # HMF2M32M4VGL-90
Description  Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF2M32M4VGL-90 Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

Back Button HMF2M32M4VGL-90 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF2M32M4VGL-90 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF2M32M4VGL-90 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF2M32M4VGL-90 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF2M32M4VGL-90 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF2M32M4VGL-90 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF2M32M4VGL-90 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF2M32M4VGL-90 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HMF2M32M4VGL-90 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HANBit
HMF2M32M4VGL
URL : www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV,02(August,2002)
6
u Erase/Program Operations
PARAMETER SYMBOLS
Speed Options
JEDEC
STANDARD
DESCRIPTION
70R
80
90
120
UNIT
tAVAV
tWC
Write Cycle Time
Min
70
80
90
120
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tWLAX
tAH
Address Hold Time
Min
45
45
45
50
ns
tDVWH
tDS
Data Setup Time
Min
35
35
45
50
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tOES
Output Enable Setup Time
Min
0
ns
tGHWL
tGHWL
Read Recover Time Before Write
Min
0
ns
tELWL
tCS
/CE Setup Time
Min
0
ns
tWHEH
tCH
/CE Hold Time
Min
0
ns
tWLWH
tWP
Write Pulse Width
Min
35
35
35
50
ns
tWHWL
tWPH
Write Pulse Width High
Min
30
ns
Byte
Typ
9
tWHWH1
tWHWH1
Byte Programming
Operation
Word
Typ
11
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note1)
Typ
0.7
sec
tVCS
Vcc set up time
Min
50
µs
tRB
Recovery Time from RY//BY
Min
0
ns
tBUSY
Program/Erase Valid to RY//BY
Delay
Min
90
ns
Notes :
1.
Not 100% tested.
2.
See the
“Erase and Programming Performance”section for more information.


Similar Part No. - HMF2M32M4VGL-90

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M32M4GL HANBIT-HMF2M32M4GL Datasheet
414Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M4GL-120 HANBIT-HMF2M32M4GL-120 Datasheet
414Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M4GL-75 HANBIT-HMF2M32M4GL-75 Datasheet
414Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M4GL-90 HANBIT-HMF2M32M4GL-90 Datasheet
414Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
More results

Similar Description - HMF2M32M4VGL-90

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M32B4V HANBIT-HMF2M32B4V Datasheet
148Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SO-DIMM, 3.3V
logo
List of Unclassifed Man...
HMF2M32B4V ETC-HMF2M32B4V Datasheet
144Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SO-DIMM, 3.3V
logo
Hanbit Electronics Co.,...
HMF2M32F4V HANBIT-HMF2M32F4V Datasheet
177Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4VSB HANBIT-HMF2M32F4VSB Datasheet
287Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4VSA HANBIT-HMF2M32F4VSA Datasheet
556Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-MMC, 3.3V Design
HMF2M32F4VA HANBIT-HMF2M32F4VA Datasheet
294Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF8M32M8V HANBIT-HMF8M32M8V Datasheet
428Kb / 11P
   Flash-ROM Module 32MByte (8Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32M8VGL HANBIT-HMF4M32M8VGL Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF1M32M4V HANBIT-HMF1M32M4V Datasheet
422Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32M8V HANBIT-HMF4M32M8V Datasheet
429Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com