Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHM9130 Datasheet(PDF) 5 Page - International Rectifier

Part # IRHM9130
Description  RADIATION HARDENED POWER MOSFET / 100V, P-CHANNEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM9130 Datasheet(HTML) 5 Page - International Rectifier

  IRHM9130 Datasheet HTML 1Page - International Rectifier IRHM9130 Datasheet HTML 2Page - International Rectifier IRHM9130 Datasheet HTML 3Page - International Rectifier IRHM9130 Datasheet HTML 4Page - International Rectifier IRHM9130 Datasheet HTML 5Page - International Rectifier IRHM9130 Datasheet HTML 6Page - International Rectifier IRHM9130 Datasheet HTML 7Page - International Rectifier IRHM9130 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.irf.com
5
Pre-Irradiation
IRHM9130
Fig8. MaximumSafeOperatingArea
Fig6. TypicalGateChargeVs.
Gate-to-SourceVoltage
Fig5. TypicalCapacitanceVs.
Drain-to-SourceVoltage
Fig7. TypicalSource-DrainDiode
ForwardVoltage
1
10
100
0
400
800
1200
1600
2000
-V
, Drain-to-Source Voltage (V)
DS

V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd

Crss

Coss

Ciss
0
10
20
30
40
50
60
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G


FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
-11A

V
= 20V
DS
V
= 50V
DS
V
= 80V
DS
0.1
1
10
100
0.0
1.0
2.0
3.0
4.0
5.0
-V
,Source-to-Drain Voltage (V)
SD

V
= 0 V
GS

T = 25 C
J
°

T = 150 C
J
°
1
10
100
1000
1
10
100
1000

OPERATION IN THIS AREA LIMITED
BY RDS(on)

Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
-V
, Drain-to-Source Voltage (V)
DS

100us

1ms

10ms
-
-
-


Similar Part No. - IRHM9130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM9130 IRF-IRHM9130 Datasheet
136Kb / 8P
   Simple Drive Requirements
IRHM9130 IRF-IRHM9130_15 Datasheet
136Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHM9130

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFFR9160N SSDI-SFFR9160N Datasheet
242Kb / 2P
   RADIATION HARDENED P-CHANNEL MOSFET
logo
International Rectifier
IRHQ597110 IRF-IRHQ597110 Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28) 100V, Quad P-CHANNEL
IRHG567110 IRF-IRHG567110 Datasheet
182Kb / 14P
   RADIATION HARDENED POWER MOSFET THRU-HOLE 100V, Combination 2N-2P-CHANNEL
IRHNA67160 IRF-IRHNA67160 Datasheet
184Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-2), 100V, N-CHANNEL
logo
Intersil Corporation
FSS913A0D INTERSIL-FSS913A0D Datasheet
56Kb / 8P
   10A, -100V, 0.280 Ohm, Radiation Hardened, SEGR Resistant, P-Channel Power MOSFETs
June 1999
JANSR2N7281 INTERSIL-JANSR2N7281 Datasheet
49Kb / 7P
   Radiation Hardened, N-Channel Power MOSFET
logo
International Rectifier
IRHM57064 IRF-IRHM57064 Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHM7250SE IRF-IRHM7250SE Datasheet
140Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHMS57260SE IRF-IRHMS57260SE Datasheet
184Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHF9230 IRF-IRHF9230 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com