Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JXE75 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # JXE75
Description  Surface Mount Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JXE75 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  JXE75 Datasheet HTML 1Page - List of Unclassifed Manufacturers JXE75 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The pulse of progress
JXE 75/2
top view
side view
bottom view
pad layout
in mm
7.5 max.
5.0
5.08
2.4
JXE 75/3
top view
side view
bottom view
pad layout
in mm
7.5 max.
# 4
# 1
# 3
# 2
4.5
#3
#4
#2
#1
#4
#3
#1
#2
6.0
2.2
SMQ series • JXE75
Dimensions
JXE 75/1
(standard type)
top view
side view
bottom view
crystal connection
pad layout
in mm
7.5 max.
4.5
6.3
2.2
8.0
4.0
1.7
5.4
ø 1.5
Feeding
Taping Specification
1000 pcs per reel
in mm
in mm
2.0
ø 21
120°
17.5
Load Capacitance Codes
crystal connection
crystal connection
7 pF: m
8 pF: k
9 pF: n
11 pF: i
12 pF: a
18 pF: f
20 pF: c
22 pF: g
24 pF: d
25 pF: r
27 pF: w
30 pF: .
32 pF: e
series: s
T: 3rd OT
13 pF: v
14 pF: x
15 pF: j
16 pF: b
17 pF: t
example 6.0 MHz / 12 pF: 6a000
Jauch Quartz GmbH Telephone: (+49) 77 20 / 9 45-0 Telefax: (+49) 77 20 / 9 45-100 Internet: www.jauch.de e-mail: hcj@jauch.de 08/2002


Similar Part No. - JXE75

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXE75 JAUCH-JXE75 Datasheet
74Kb / 2P
   Quartz Crystal
More results

Similar Description - JXE75

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
403 CTS-403 Datasheet
132Kb / 3P
   Surface Mount Quartz Crystal
405 CTS-405 Datasheet
135Kb / 3P
   Surface Mount Quartz Crystal
ATP-SM CTS-ATP-SM_06 Datasheet
118Kb / 4P
   Surface Mount Quartz Crystal
405C35D48M00000 CTS-405C35D48M00000 Datasheet
125Kb / 3P
   Surface Mount Quartz Crystal
407 CTS-407 Datasheet
155Kb / 3P
   Surface Mount Quartz Crystal
445W21AXXMXXXXX CTS-445W21AXXMXXXXX Datasheet
108Kb / 2P
   Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX11VSM STATEK-CX11VSM Datasheet
104Kb / 2P
   Surface Mount Quartz Crystal
logo
CTS Corporation
405C11A19M20000 CTS-405C11A19M20000 Datasheet
125Kb / 3P
   Surface Mount Quartz Crystal
425 CTS-425 Datasheet
136Kb / 3P
   Surface Mount Quartz Crystal
403C35D24M00000 CTS-403C35D24M00000 Datasheet
137Kb / 3P
   Surface Mount Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com