Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MU9C4320L-90TDC Datasheet(PDF) 11 Page - MUSIC Semiconductors

Part # MU9C4320L-90TDC
Description  4K x 32 Content Addressable Memory (CAM) with a 32-bit wide data interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C4320L-90TDC Datasheet(HTML) 11 Page - MUSIC Semiconductors

Back Button MU9C4320L-90TDC Datasheet HTML 7Page - MUSIC Semiconductors MU9C4320L-90TDC Datasheet HTML 8Page - MUSIC Semiconductors MU9C4320L-90TDC Datasheet HTML 9Page - MUSIC Semiconductors MU9C4320L-90TDC Datasheet HTML 10Page - MUSIC Semiconductors MU9C4320L-90TDC Datasheet HTML 11Page - MUSIC Semiconductors MU9C4320L-90TDC Datasheet HTML 12Page - MUSIC Semiconductors MU9C4320L-90TDC Datasheet HTML 13Page - MUSIC Semiconductors MU9C4320L-90TDC Datasheet HTML 14Page - MUSIC Semiconductors MU9C4320L-90TDC Datasheet HTML 15Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Operational Characteristics
MU9C4320L ATMCAM
Rev. 3
11
Software Control
For optimum performance, the ATMCAM is controlled
through the AC11–0 lines, allowing data transactions
through the DQ31–0 lines during a control cycle. In cases
where the overhead of a separate data load cycle can be
accommodated, the ATMCAM can be operated through
the Instruction register.
Control through the Instruction register is selected by the
FR27–26 bits of the Configuration register being set
HIGH. Under this circumstance, the AC11–0 lines are not
used, instead the instruction is loaded from the DQ11–0
lines into the Instruction register during a Write cycle with
the /AV line HIGH. The instructions are directly
analogous to the control states for any operation that does
not involve data transfer on the DQ31–0 lines, in which
case the instruction is executed during the same cycle as
the instruction is loaded. To distinguish between Read and
Write control states, DQ12 is used to indicate which type
of instruction should be executed. When DQ12 is LOW at
the beginning of the cycle, the instruction executed is the
Write Cycle instruction (/W = LOW when control state is
conveyed on AC11–0); when DQ12 is HIGH at the
beginning of the cycle, the instruction executed is the
Read Cycle instruction (/W = HIGH when control state is
conveyed on AC11–0).
When the instruction calls for data to be written or read
from the DQ31–0 lines, the instruction is loaded into the
Instruction register during the cycle, and the next Data
Read or Write cycle with /AV LOW executes the
instruction using the DQ31–0 bus for the data transaction.
The instruction is persistent; i.e., if no other instruction is
loaded into the Instruction Register, subsequent data
transactions with the /AV line LOW will be executed
according to the instruction currently loaded in the
Instruction register. When there is a data access to a
memory location on DQ31–0 associated with the
instruction, the /VB line carries the validity of that
location.
Instructions that involve data transactions on DQ31–0, and
are therefore executed on a subsequent Read or Write
cycle with the /AV line LOW, are all Read/Write Memory
and Read/Write Register instructions, Read Validity, Write
DQ3–0 to PA in Configuration register of Highest-Priority
Empty device, and Set /FF. All other instructions are
executed in a single cycle with the state of DQ12 being
interpreted as the state of the /W line during the equivalent
hardware control state. A Read cycle with /AV HIGH
accesses the Status register.
Active Address Interface PA3–0:AA11–0
The Active Address interface PA3–0:AA11–0 carries the
currently active address. The address source depends on
the most recent control state that caused it to change. The
possible
address
sources
that
are
output
on
PA3–0:AA11–0
are:
Highest-Priority
CAM
Match
address, VP Table Match address, Next Free address,
CAM Read address, CAM Write address, VP Table Read
address, and VP Table Write address.
PA3–0:AA11–0 After a Comparison Cycle
After
a
Comparison
cycle,
or
access
to
the
Highest-Priority address, the PA3–0:AA11–0 lines carry
one of three possible results:
The CAM Match address if the Comparison cycle
resulted in a match in the CAM. Only the device
containing the highest-priority match enables its
PA3–0:AA11–0 lines. All other devices with either no
match or a lower-priority match, as indicated by the
Match Flag daisy chain, keep their PA3–0:AA11–0
lines in high impedance regardless of the state of their
/OE inputs.
The VP Table Match address if the Comparison cycle
resulted in a mismatch in the CAM but a match in the
VP Table. Only the lowest-priority device, as
indicated by bit FR25 in the Configuration register,
enables its PA3–0:AA11–0 lines. All other devices
keep their PA3–0:AA11–0 lines in high impedance
regardless of the state of their /OE inputs.
All 1s if there was no match in either CAM or VP
Table, or there was no match in the CAM and the VP
Table was disabled by Configuration register bit FR24
being HIGH. The lowest-priority device, as indicated
by bit FR25 in the Configuration register, enables its
PA3–0:AA11–0 lines and provides the source of all
1s. All other devices will keep their PA3–0:AA11–0
lines in high impedance regardless of the state of their
/OE inputs.


Similar Part No. - MU9C4320L-90TDC

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C4480A MUSIC-MU9C4480A Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C4480A-70DC MUSIC-MU9C4480A-70DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C4480A-70DI MUSIC-MU9C4480A-70DI Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C4480A-90DC MUSIC-MU9C4480A-90DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C4480A-90DI MUSIC-MU9C4480A-90DI Datasheet
331Kb / 32P
   LANCAM A/L series
More results

Similar Description - MU9C4320L-90TDC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
P1480 ZARLINK-P1480 Datasheet
847Kb / 16P
   LAN CAM 1KX64 BIT CMOS CONTENT ADDRESSABLE MEMORY
logo
List of Unclassifed Man...
MU9C1480A ETC1-MU9C1480A Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
logo
Motorola, Inc
MC10H155 MOTOROLA-MC10H155 Datasheet
683Kb / 11P
   16-Bit ECL Content Addressable Memory
logo
Zarlink Semiconductor I...
MJ2812 ZARLINK-MJ2812 Datasheet
681Kb / 6P
   32 WORDS X 8 BIT FIFO MEMORY
logo
PMC-Sierra, Inc
PM7367-1 PMC-PM7367-1 Datasheet
39Kb / 2P
   32 link, 32 Channel Data Link Manager with PCI Interface
PM7367 PMC-PM7367 Datasheet
49Kb / 4P
   32 link, 32 Channel Data Link Manager with PCI Interface
logo
Maxwell Technologies
29F0408 MAXWELL-29F0408 Datasheet
941Kb / 33P
   32 Megabit (4M x 8-Bit) Flash Memory
logo
Motorola, Inc
MCM69C232 MOTOROLA-MCM69C232 Datasheet
248Kb / 20P
   4K x 64 CAM
logo
NXP Semiconductors
LPC2210 PHILIPS-LPC2210 Datasheet
181Kb / 39P
   16/32-bit ARM microcontroller with 10-bit ADC and external memory interface
Rev. 01-09 February 2004
logo
LSI Computer Systems
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
   32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com