Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1339 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SSD1339
Description  132RGB x 132 with 2 smart Icon lines Dot Matrix OLED/PLED Segment/Common Driver with Controller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1339 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SSD1339 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1339 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1339 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1339 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1339 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1339 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1339 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1339 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1339 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
SSD1339
Rev 1.1
P 5/59
Jul 2005
Solomon Systech
1. GERENAL DESCRIPTION
The SSD1339 is a single-chip CMOS OLED/PLED driver with controller for organic/polymer light emitting
diode dot-matrix graphic display system. It consists of 396 segments (132RGB), 132 commons and 2
smart icon lines. This IC is designed for Common Cathode type OLED panel.
The SSD1339 displays data directly from its internal 132x133x18 bits Graphic Data RAM (GDDRAM).
Data/Commands are sent from general MCU through the hardware selectable 6800/8000 series
compatible Parallel Interface or Serial Peripheral Interface. It has a 256 steps contrast control and 262k
color control
2. FEATURES
!
Support max. 132RGB x 132 matrix panel + icon line
!
Power supply: VDD=2.4-3.5V
VDDIO=1.5V - 3.5V
VCC=7.0V - 18.0V
!
OLED driving output voltage, 16V maximum
!
DC-DC voltage booster controller
!
Segment maximum source current: 200uA
!
Common maximum sink current: 80mA
!
Embedded 132x133x18 bit SRAM display buffer
!
16 step master current control, and 256 step current control for the three color components
!
Smart Icon mode
!
Programmable color mode of 256, 65k, 262k
!
Programmable Frame Rate
!
Graphic Acceleration Command Set (GAC)
!
8/9/16/18-bit 6800-series Parallel Interface, 8/9/16/18-bit 8080-series Parallel Interface and Serial
Peripheral Interface.
!
Wide range of operating temperature: -40 to 90
°C


Similar Part No. - SSD1339

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1330 ETC-SSD1330 Datasheet
3Mb / 4P
   OLED Driver Controller
April 2013
SSD1331 ETC-SSD1331 Datasheet
3Mb / 4P
   OLED Driver Controller
April 2013
SSD1332 ETC-SSD1332 Datasheet
367Kb / 24P
   OLED/PLED Segment/Common Driver with Controller
SSD1332U1R1 ETC-SSD1332U1R1 Datasheet
367Kb / 24P
   OLED/PLED Segment/Common Driver with Controller
More results

Similar Description - SSD1339

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1303 ETC1-SSD1303 Datasheet
567Kb / 56P
   132 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
SSD1305 ETC1-SSD1305 Datasheet
2Mb / 70P
   132 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
SSD1306 ETC2-SSD1306 Datasheet
1Mb / 65P
   128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
SSD1322 ETC1-SSD1322 Datasheet
1Mb / 56P
   480 x 128, Dot Matrix High Power OLED/PLED Segment/Common Driver with Controller
SSD1332 ETC-SSD1332 Datasheet
367Kb / 24P
   OLED/PLED Segment/Common Driver with Controller
logo
OKI electronic componet...
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com