Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMF8M32M8GL-75 Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part # HMF8M32M8GL-75
Description  FLASH-ROM MODULE 32MByte (8M x 32-Bit)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF8M32M8GL-75 Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  HMF8M32M8GL-75 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF8M32M8GL-75 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF8M32M8GL-75 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF8M32M8GL-75 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF8M32M8GL-75 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF8M32M8GL-75 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF8M32M8GL-75 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF8M32M8GL-75 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF8M32M8GL-75 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HANBit
HMF8M32M8GL
URL: www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
3
TRUTH TABLE
MODE
/OE
/CE
/WE
DQ
POWER
STANDBY
X
H
X
HIGH-Z
STANDBY
NOT SELECTED
H
L
H
HIGH-Z
ACTIVE
READ
L
L
H
Q
ACTIVE
WRITE or ERASE
X
L
L
D
ACTIVE
NOTE: X means don
’t care
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
Voltage with respect to ground all other pins
VIN,OUT
-2.0V to +7.0V
Voltage with respect to ground Vcc
VCC
-2.0V to +7.0V
Storage Temperature
TSTG
-65oC to +150oC
Operating Temperature
TA
-55oC to +125oC
w Stresses greater than those listed under " Absolute Maximum Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated
in the operating section of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP.
MAX
Vcc for
± 5% device supply voltage
Vcc
4.75V
5.25V
Vcc for
± 10% device supply voltages
Vcc
4.5V
5.5V
Ground
VSS
0
0
0
DC AND OPERATING CHARACTERISTICS (0oC
≤ TA ≤ 70 oC ; Vcc = 5V ± 0.5V )
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
MAX
UNITS
Input Leakage Current
Vcc=Vcc max, VIN= GND to Vcc
IL1
±1.0
µA
Output Leakage Current
Vcc=Vcc max, VOUT= GND to Vcc
IL0
±1.0
µA
Output High Voltage
IOH = -2.5mA, Vcc = Vcc min
VOH
2.4
V
Output Low Voltage
IOL = 12mA, Vcc =Vcc min
VOL
0.45
V
Vcc Active Current for Read(1)
/CE = VIL, /OE=VIH,
ICC1
40
mA
Vcc Active Current for Program
or Erase(2)
/CE = VIL, /OE=VIH
ICC2
60
mA
Vcc Standby Current
/CE= VIH
ICC3
1.0
mA
Low Vcc Lock-Out Voltage
VLKO
3.2
4.2
V
Notes:
1. The Icc current listed is typically less than 2mA/MHz, with /OE at VIH.
2. Icc active while embedded algorithm (program or erase) is in progress


Similar Part No. - HMF8M32M8GL-75

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF8M32M8A HANBIT-HMF8M32M8A Datasheet
454Kb / 12P
   FLASH-ROM MODULE 32MByte (8M x 32Bit), 72-Pin SIMM, 5V
HMF8M32M8A-55 HANBIT-HMF8M32M8A-55 Datasheet
454Kb / 12P
   FLASH-ROM MODULE 32MByte (8M x 32Bit), 72-Pin SIMM, 5V
HMF8M32M8A-70 HANBIT-HMF8M32M8A-70 Datasheet
454Kb / 12P
   FLASH-ROM MODULE 32MByte (8M x 32Bit), 72-Pin SIMM, 5V
HMF8M32M8A-90 HANBIT-HMF8M32M8A-90 Datasheet
454Kb / 12P
   FLASH-ROM MODULE 32MByte (8M x 32Bit), 72-Pin SIMM, 5V
HMF8M32M8V HANBIT-HMF8M32M8V Datasheet
428Kb / 11P
   Flash-ROM Module 32MByte (8Mx32Bit), 72Pin-SIMM, 3.3V Design
More results

Similar Description - HMF8M32M8GL-75

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF8M32M8A HANBIT-HMF8M32M8A Datasheet
454Kb / 12P
   FLASH-ROM MODULE 32MByte (8M x 32Bit), 72-Pin SIMM, 5V
HMFN16M16M8G HANBIT-HMFN16M16M8G Datasheet
410Kb / 11P
   FLASH-ROM MODULE 32MByte (16M x 16-Bit)
HMF8M8M4G HANBIT-HMF8M8M4G Datasheet
417Kb / 11P
   FLASH-ROM MODULE 8MByte (8M x 8-Bit)
logo
MOSAIC
PUMA84FV256006-90 MOSAIC-PUMA84FV256006-90 Datasheet
109Kb / 3P
   8M x 32 FLASH Module
logo
Hanbit Electronics Co.,...
HMF51232M4S HANBIT-HMF51232M4S Datasheet
420Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4Y HANBIT-HMF51232M4Y Datasheet
417Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4G HANBIT-HMF51232M4G Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4V HANBIT-HMF51232M4V Datasheet
421Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D HANBIT-HMF51232M4D Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF8M8F4VS HANBIT-HMF8M8F4VS Datasheet
157Kb / 11P
   FLASH-ROM MODULE 8MByte (8M x 8-Bit) , SMM 80Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com