Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMN1M8D-85I Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # HMN1M8D-85I
Description  Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 36Pin-DIP, 5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMN1M8D-85I Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  HMN1M8D-85I Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMN1M8D-85I Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMN1M8D-85I Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMN1M8D-85I Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMN1M8D-85I Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMN1M8D-85I Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMN1M8D-85I Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMN1M8D-85I Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMN1M8D-85I Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HANBit
HMN1M8D
URL : www.hbe.co.kr
1
HANBit Electronics Co.,Ltd
Rev. 0.0 (April, 2002)
GENERAL DESCRIPTION
The HMN1M8D Nonvolatile SRAM is a 8,388,608-bit static RAM organized as 1,048,576 bytes by 8 bits.
The HMN1M8D has a self-contained lithium energy source provide reliable non-volatility coupled with the unlimited write
cycles of standard SRAM and integral control circuitry which constantly monitors the single 5V supply for an out-of-
tolerance condition. When such a condition occurs, the lithium energy source is automatically switched on to sustain the
memory until after VCC returns valid and write protection is unconditionally enabled to prevent garbled data. In addition the
SRAM is unconditionally write-protected to prevent an inadvertent write operation. At this time the integral energy source is
switched on to sustain the memory until after VCC returns valid.
The HMN1M8D uses extremely low standby current CMOS SRAM’s, coupled with small lithium coin cells to provide non-
volatility without long write-cycle times and the write-cycle limitations associated with EEPROM.
FEATURES
w
Access time : 70, 85, 120, 150 ns
w
High-density design : 8Mbit Design
w
Battery internally isolated until power is applied
w
Industry-standard 36-pin 1,024K x 8 pinout
w
Unlimited write cycles
w
Data retention in the absence of VCC
w
10-years minimum data retention in absence of power
w
Automatic write-protection during power-up/power-down
cycles
w
Data is automatically protected during power loss
OPTIONS
MARKING
w
Timing
70 ns
- 70
85 ns
- 85
120 ns
-100
150 ns
-150
PIN ASSIGNMENT
Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 36Pin-DIP, 5V
Part No. HMN1M8D
36-pin Encapsulated Package
1
36
12
25
14
23
15
22
10
27
11
26
13
24
2
35
3
34
4
33
6
31
9
28
7
30
5
32
8
29
16
21
A2
NC
A0
A7
A5
A4
A6
A1
A3
A12
A14
A16
DQ0
DQ1
DQ2
VSS
VCC
A11
A8
A9
A10
A13
A15
A17
DQ3
DQ4
DQ5
DQ6
DQ7
/CE
/WE
/OE
17
20
18
19
A19
A18
NC
NC


Similar Part No. - HMN1M8D-85I

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMN1M8DE DLGHANBIT-HMN1M8DE Datasheet
569Kb / 7P
   Non-Volatile SRAM MODULE 8Mbit (1,024K x 8-Bit), 36Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1M8DN HANBIT-HMN1M8DN Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
HMN1M8DN-120 HANBIT-HMN1M8DN-120 Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
HMN1M8DN-120I HANBIT-HMN1M8DN-120I Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
HMN1M8DN-150 HANBIT-HMN1M8DN-150 Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
More results

Similar Description - HMN1M8D-85I

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMN1M8DE DLGHANBIT-HMN1M8DE Datasheet
569Kb / 7P
   Non-Volatile SRAM MODULE 8Mbit (1,024K x 8-Bit), 36Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1M8DN HANBIT-HMN1M8DN Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
HMN2M8D HANBIT-HMN2M8D Datasheet
175Kb / 9P
   Non-Volatile SRAM MODULE 16Mbit (2,048K x 8-Bit), 36Pin-DIP, 5V
HMN1M8DV HANBIT-HMN1M8DV Datasheet
196Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 36Pin-DIP, 3.3V
HMN2568D HANBIT-HMN2568D Datasheet
185Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
HMN5128D HANBIT-HMN5128D Datasheet
174Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
HMN328D DLGHANBIT-HMN328D Datasheet
476Kb / 7P
   Non-Volatile SRAM MODULE 256Kbit (32K x 8-Bit),28Pin DIP, 5V
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com