Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA5917 Datasheet(PDF) 4 Page - Continental Device India Limited

Part # 1SMA5917
Description  SURFACE MOUNT SILICON ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

1SMA5917 Datasheet(HTML) 4 Page - Continental Device India Limited

  1SMA5917 Datasheet HTML 1Page - Continental Device India Limited 1SMA5917 Datasheet HTML 2Page - Continental Device India Limited 1SMA5917 Datasheet HTML 3Page - Continental Device India Limited 1SMA5917 Datasheet HTML 4Page - Continental Device India Limited 1SMA5917 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Packaging Information
Package/
Packaging Type Std. Packing
Case Type
Qty
Qty
Size L x W x H
Gross Weight
Qty
Size L x W x H Gross Weight
(cm)
(Kg)
(cm)
(Kg)
DO-214AC (SMA)
T&R
5,000
50K
46 x 38 x 22
7.9
T & R: Tape and Reel
1SMA5917_5945Rev080205E
All Dimensions are in mm
Inner Carton
Outer Carton
SMA Packaging Tape
Continental Device India Limited
Data Sheet
Page 4 of 5
1SMA5917 - 1SMA5945
(4V7 - 68V)
DO-214AC (SMA)
Surface Mount Package


Similar Part No. - 1SMA5917

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMA5917 PANJIT-1SMA5917 Datasheet
87Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Guangdong Kexin Industr...
1SMA5917 KEXIN-1SMA5917 Datasheet
1Mb / 4P
   Zener Diodes
logo
EIC discrete Semiconduc...
1SMA5917A EIC-1SMA5917A Datasheet
84Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
1SMA5917A EIC-1SMA5917A Datasheet
97Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
1SMA5917A LUGUANG-1SMA5917A Datasheet
358Kb / 2P
   Silicon Zener Diodes
More results

Similar Description - 1SMA5917

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921_15 Datasheet
183Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921_09 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMDZ5221B CENTRAL-CMDZ5221B_15 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com