Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMN1M8D-120I Datasheet(PDF) 2 Page - Hanbit Electronics Co.,Ltd

Part # HMN1M8D-120I
Description  Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 36Pin-DIP, 5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMN1M8D-120I Datasheet(HTML) 2 Page - Hanbit Electronics Co.,Ltd

  HMN1M8D-120I Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMN1M8D-120I Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMN1M8D-120I Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMN1M8D-120I Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMN1M8D-120I Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMN1M8D-120I Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMN1M8D-120I Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMN1M8D-120I Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMN1M8D-120I Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HANBit
HMN1M8D
URL : www.hbe.co.kr
2
HANBit Electronics Co.,Ltd
Rev. 0.0 (April, 2002)
DQ0-DQ7
A0-A18
/OE
/WE
/CE CON
Power
VCC
Lithium
Cell
2 x 512K x 8
SRAM
Block
/CE
Power – Fail
Control
A19
FUNCTIONAL DESCRIPTION
The HMN1M8D executes a read cycle whenever /WE is inactive(high) and /CE is active(low). The address specified by the
address inputs(A0-A19) defines which of the 1,048,576 bytes of data is accessed. Valid data will be available to the eight
data output drivers within tACC (access time) after the last address input signal is stable.
When power is valid, the HMN1M8D operates as a standard CMOS SRAM. During power-down and power-up cycles, the
HMN1M8D acts as a nonvolatile memory, automatically protecting and preserving the memory contents.
The HMN1M8D is in the write mode whenever the /WE and /CE signals are in the active (low) state after address inputs
are stable. The later occurring falling edge of /CE or /WE will determine the start of the write cycle. The write cycle is
terminated by the earlier rising edge of /CE or /WE. All address inputs must be kept valid throughout the write cycle. /WE
must return to the high state for a minimum recovery time (tWR) before another cycle can be initiated. The /OE control
signal should be kept inactive (high) during write cycles to avoid bus contention. However, if the output bus been enabled
(/CE and /OE active) then /WE will disable the outputs in tODW from its falling edge.
The HMN1M8D provides full functional capability for Vcc greater than 4.5 V and write protects by 4.37 V nominal. Power-
down/power-up control circuitry constantly monitors the Vcc supply for a power-fail-detect threshold VPFD. When VCC falls
below the VPFD threshold, the SRAM automatically write-protects the data. All inputs to the RAM become “don’t care” and
all outputs are high impedance. As Vcc falls below approximately 3 V, the power switching circuit connects the lithium
energy soure to RAM to retain data. During power-up, when Vcc rises above approximately 3.0 volts, the power switching
circuit connects external Vcc to the RAM and disconnects the lithium energy source. Normal RAM operation can resume
after Vcc exceeds 4.5 volts.
BLOCK DIAGRAM
PIN DESCRIPTION
A0-A19 : Address Input
/CE : Chip Enable
VSS : Ground
DQ0-DQ7 : Data In / Data Out
/WE : Write Enable
/OE : Output Enable
VCC: Power (+5V)
NC : No Connection


Similar Part No. - HMN1M8D-120I

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMN1M8DE DLGHANBIT-HMN1M8DE Datasheet
569Kb / 7P
   Non-Volatile SRAM MODULE 8Mbit (1,024K x 8-Bit), 36Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1M8DN HANBIT-HMN1M8DN Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
HMN1M8DN-120 HANBIT-HMN1M8DN-120 Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
HMN1M8DN-120I HANBIT-HMN1M8DN-120I Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
HMN1M8DN-150 HANBIT-HMN1M8DN-150 Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
More results

Similar Description - HMN1M8D-120I

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMN1M8DE DLGHANBIT-HMN1M8DE Datasheet
569Kb / 7P
   Non-Volatile SRAM MODULE 8Mbit (1,024K x 8-Bit), 36Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1M8DN HANBIT-HMN1M8DN Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
HMN2M8D HANBIT-HMN2M8D Datasheet
175Kb / 9P
   Non-Volatile SRAM MODULE 16Mbit (2,048K x 8-Bit), 36Pin-DIP, 5V
HMN1M8DV HANBIT-HMN1M8DV Datasheet
196Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 36Pin-DIP, 3.3V
HMN2568D HANBIT-HMN2568D Datasheet
185Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
HMN5128D HANBIT-HMN5128D Datasheet
174Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
HMN328D DLGHANBIT-HMN328D Datasheet
476Kb / 7P
   Non-Volatile SRAM MODULE 256Kbit (32K x 8-Bit),28Pin DIP, 5V
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com