Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMN1M8D-120I Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part # HMN1M8D-120I
Description  Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 36Pin-DIP, 5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMN1M8D-120I Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  HMN1M8D-120I Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMN1M8D-120I Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMN1M8D-120I Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMN1M8D-120I Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMN1M8D-120I Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMN1M8D-120I Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMN1M8D-120I Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMN1M8D-120I Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMN1M8D-120I Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HANBit
HMN1M8D
URL : www.hbe.co.kr
3
HANBit Electronics Co.,Ltd
Rev. 0.0 (April, 2002)
TRUTH TABLE
MODE
/OE
/CE
/WE
I/O OPERATION
POWER
Not selected
X
H
X
High Z
Standby
Output disable
H
L
H
High Z
Active
Read
L
L
H
DOUT
Active
Write
X
L
L
DIN
Active
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
CONDITIONS
DC voltage applied on VCC relative to VSS
VCC
-0.3V to 7.0V
DC Voltage applied on any pin excluding VCC
relative to VSS
VT
-0.3V to 7.0V
VT≤ VCC+0.3
0 to 70
°C
Commercial Temp.
Operating temperature
TOPR
-40 to 85
°C
Industrial Temp.
Storage temperature
TSTG
-40
°C to 70°C
Temperature under bias
TBIAS
-10
°C to 70°C
Soldering temperature
TSOLDER
260
°C
For 10 second
NOTE: Permanent device damage may occur if Absolute Maximum Ratings are exceeded.
Functional operation should be restricted to the Recommended DC Operating Conditions detailed in this data sheet.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS ( TA= TOPR )
PARAMETER
SYMBOL
MIN
TYPICAL
MAX
Supply Voltage
VCC
4.5V
5.0V
5.5V
Ground
VSS
0
0
0
Input high voltage
VIH
2.2
-
VCC+0.3V
Input low voltage
VIL
-0.3
-
0.8V
NOTE: Typical values indicate operation at TA = 25℃


Similar Part No. - HMN1M8D-120I

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMN1M8DE DLGHANBIT-HMN1M8DE Datasheet
569Kb / 7P
   Non-Volatile SRAM MODULE 8Mbit (1,024K x 8-Bit), 36Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1M8DN HANBIT-HMN1M8DN Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
HMN1M8DN-120 HANBIT-HMN1M8DN-120 Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
HMN1M8DN-120I HANBIT-HMN1M8DN-120I Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
HMN1M8DN-150 HANBIT-HMN1M8DN-150 Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
More results

Similar Description - HMN1M8D-120I

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMN1M8DE DLGHANBIT-HMN1M8DE Datasheet
569Kb / 7P
   Non-Volatile SRAM MODULE 8Mbit (1,024K x 8-Bit), 36Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1M8DN HANBIT-HMN1M8DN Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
HMN2M8D HANBIT-HMN2M8D Datasheet
175Kb / 9P
   Non-Volatile SRAM MODULE 16Mbit (2,048K x 8-Bit), 36Pin-DIP, 5V
HMN1M8DV HANBIT-HMN1M8DV Datasheet
196Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 36Pin-DIP, 3.3V
HMN2568D HANBIT-HMN2568D Datasheet
185Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
HMN5128D HANBIT-HMN5128D Datasheet
174Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
HMN328D DLGHANBIT-HMN328D Datasheet
476Kb / 7P
   Non-Volatile SRAM MODULE 256Kbit (32K x 8-Bit),28Pin DIP, 5V
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com