Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA4735 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 1SMA4735
Description  SURFACE MOUNT SILICON ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

1SMA4735 Datasheet(HTML) 1 Page - Continental Device India Limited

  1SMA4735 Datasheet HTML 1Page - Continental Device India Limited 1SMA4735 Datasheet HTML 2Page - Continental Device India Limited 1SMA4735 Datasheet HTML 3Page - Continental Device India Limited 1SMA4735 Datasheet HTML 4Page - Continental Device India Limited 1SMA4735 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SURFACE MOUNT SILICON ZENER DIODE
1SMA4732 - 1SMA4760
(4V7 - 68V)
DO-214AC (SMA)
Surface Mount Package
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
* Mounted on 5.0mm
2 ( 0.013mm thick) land areas
** Measured on 8.3ms, and single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute
maximum
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
VF @ 200mA <1.2V
IR @
VR
(
Ω)
(mA)
(
Ω)
(mA)
(
µµA)
(V)
Nom. V
max
max
max
max
4.90
8.0
53.0
500
1.0
10
1.0
5.40
7.0
49.0
550
1.0
10
1.0
5.90
5.0
45.0
600
1.0
10
2.0
6.50
2.0
41.0
700
1.0
10
3.0
7.10
3.5
37.0
700
1.0
10
4.0
7.90
4.0
34.0
700
0.50
10
5.0
8.60
4.5
31.0
700
0.50
10
6.0
9.60
5.0
28.0
700
0.50
10
7.0
10.50
7.0
25.0
700
0.25
10
7.6
11.60
8.0
23.0
700
0.25
0.1
8.4
12.60
9.0
21.0
700
0.25
0.1
9.1
13.70
10
19.0
700
0.25
0.1
9.9
15.80
14
17.0
700
0.25
0.1
11.4
16.80
16
15.5
700
0.25
0.1
12.2
18.90
20
14.0
750
0.25
0.1
13.7
21.00
22
12.5
750
0.25
0.1
15.2
23.10
23
11.5
750
0.25
0.1
16.7
25.20
25
10.5
750
0.25
0.1
18.2
28.40
35
9.5
750
0.25
0.1
20.6
31.50
40
8.5
1000
0.25
0.1
22.8
34.70
45
7.5
1000
0.25
0.1
25.1
37.80
50
7.0
1000
0.25
0.1
27.4
41.00
60
6.5
1000
0.25
0.1
29.7
45.20
70
6.0
1500
0.25
0.1
32.7
1SMA4732_4760Rev080205E
33
36
39
43
27
30
15
16
18
20
22
11
12
13
24
7.5
8.2
9.1
10
5.1
5.6
6.2
6.8
34.20
753B
37.10
40.90
28.50
751B
31.40
752B
22.80
749B
25.70
750B
19.00
747B
20.90
748B
745B
17.10
746B
14.30
15.20
8.60
739B
11.40
12.40
9.50
740B
10.50
7.10
737B
7.80
738B
5.90
735B
6.50
736B
732B
4.80
733B
5.30
734B
1SMA4732
min
- 55 to +150
4.50
4.7
Zener Voltage
VZ @ IZT
(V) +/- 5%
°C
Device #
Zener Impedance
Reverse Leakage
Marking
Code
ZZT @ IZT
ZZK @ IZK
Peak Forward Surge Current, 8.3ms Single
Half Sine-Wave Superimposed on Rated
Load
**IFSM
10
A
VALUE
UNIT
Operating Junction and Storage
Temperature Range
SYMBOL
Derate Above 50ºC
Tj, Tstg
*PD
6.67
mW/ºC
1.0
W
Power Dissipation @ Ta=50ºC
741B
742B
743B
744B
754B
755B
1SMA4733
1SMA4734
1SMA4735
1SMA4736
1SMA4737
1SMA4738
1SMA4739
1SMA4740
1SMA4741
1SMA4742
1SMA4743
1SMA4744
1SMA4745
1SMA4746
1SMA4747
1SMA4748
1SMA4749
1SMA4750
1SMA4751
1SMA4752
1SMA4753
1SMA4754
1SMA4755
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 1SMA4735

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMA4735 PANJIT-1SMA4735 Datasheet
361Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMA4735 PANJIT-1SMA4735 Datasheet
522Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Guangdong Kexin Industr...
1SMA4735 KEXIN-1SMA4735 Datasheet
1Mb / 5P
   Zener Diodes
logo
Thinki Semiconductor Co...
1SMA4735 THINKISEMI-1SMA4735 Datasheet
648Kb / 5P
   1.0 Watt Surface Mount Type Silicon Zener Diodes (3.3Volt thru 100Volt)
logo
Microdiode Electronics ...
1SMA4735 CHENDA-1SMA4735 Datasheet
923Kb / 4P
   Glass passivated junction
More results

Similar Description - 1SMA4735

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921_15 Datasheet
183Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921_09 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMDZ5221B CENTRAL-CMDZ5221B_15 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com