Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMKMS40810RFBT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RMKMS40810RFBT
Description  Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RMKMS40810RFBT Datasheet(HTML) 1 Page - Vishay Siliconix

  RMKMS40810RFBT Datasheet HTML 1Page - Vishay Siliconix RMKMS40810RFBT Datasheet HTML 2Page - Vishay Siliconix RMKMS40810RFBT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RMKMS
Vishay Sfernice
Document Number: 60004
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 21-Aug-06
21
Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
The RMKM series of small outline surface mount style
molded package can accommodate resistor network to your
particular application requirements in compact circuit
integration. The resistor element is a special nickel
chromium film formulation on oxidized silicon.
Utilizing those networks will enable you to take advantage of
parametric performances which will introduce in your
circuitry high thermal and load life stability (0.05 % abs,
0.02 % ratio, 2000 h at + 70 °C at Pn) together with the added
benefits of low noise and rapid rise time.
FEATURES
• Tight TCR tracking down to 5 ppm/°C
• Monolithic reliability
• Low noise < - 35 dB
TYPICAL PERFORMANCE
SCHEMATIC
Actual Size
ABS
TRACKING
TCR
10 ppm/°C
5 ppm/°C
ABS
RATIO
TOL
0.1 %
0.05 %
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITION
SIZES
S08, S014, S016
Resistance Range
500
Ω to 200K
TCR:
Tracking
± 5 ppm/°C Max.
- 55 °C to + 125 °C
Absolute
± 15 ppm/°C (- 55 °C to ± 125 °C); ± 10 ppm/°C (0 °C to + 70 °C)
Tolerance:
Ratio
0.05 % to 0.5 % (0.02 upon request)
Absolute
± 0.1 % to , ± 1 %
Power Rating:
Resistor
50 mW
Package
S08 = 250 mW
S014 = 500 mW
S016 = 500 mW
at + 70 °C
Stability
ΔR Absolute
0.05 %
2000 hrs at + 70 °C at P
ΔR Ratio
0.02 %
2000 hrs at + 70 °C at P
Voltage Coefficient
< 0.1 ppm/Volt
Working Voltage
50 VDC Max.
Operating Temperature Range
- 55 °C to + 125 °C
Storage Temperature Range
- 55 °C to + 155 °C
Noise
- 35 dB (typical)
MIL-STD-202, Meth. 308
Thermal EMF
0.1 µV/°C
High Temp. Storage
Shelf Life Stability
Absolute
0.075 %
2000 hrs at + 125 °C
Ratio
0.025 %
2000 hrs at + 125 °C
RMKM S408
RMKM S508
RMKM S714
RMKM S914
RMKM S816
Case S08
Case S014
Case S016
For other configurations, please consult factory.
5
6
7
8
4
3
2
1
R5
R4
R3
R2
R1
8
9
10
11
12
13
14
7
6
5
4
3
2
1
R7
R6
R5
R4
R3
R2
R1
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
R8
R7
R6
R5
R4
R3
R2
R1
4
3
2
1
5
6
7
8
R4
R3
R2
R1
8
9
10
11
12
13
14
7
6
5
4
3
2
1
R9
R8
R7
R6
R5
R4
R3
R2
R1


Similar Part No. - RMKMS40810RFBT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMKMS40810RFBT VISHAY-RMKMS40810RFBT Datasheet
240Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 02-May-07
More results

Similar Description - RMKMS40810RFBT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
RMKMS VISHAY-RMKMS Datasheet
240Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 02-May-07
WOMC VISHAY-WOMC Datasheet
106Kb / 4P
   Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
Revision: 10-May-06
VTSR VISHAY-VTSR Datasheet
132Kb / 4P
   Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 11-Jun-07
WOMC VISHAY-WOMC_08 Datasheet
249Kb / 4P
   Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
Revision: 15-May-07
NOMC VISHAY-NOMC Datasheet
113Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks Narrow Body
Revision 21-May-01
VSSR VISHAY-VSSR Datasheet
131Kb / 4P
   Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 14-Nov-08
TOMC VISHAY-TOMC_08 Datasheet
151Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 05-Mar-08
TOMC VISHAY-TOMC Datasheet
180Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 10-May-06
ORN VISHAY-ORN Datasheet
375Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 10-Aug-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com