Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C44H10 Datasheet(PDF) 4 Page - Continental Device India Limited

Part # C44H10
Description  SILICON PLASTIC POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

C44H10 Datasheet(HTML) 4 Page - Continental Device India Limited

  C44H10 Datasheet HTML 1Page - Continental Device India Limited C44H10 Datasheet HTML 2Page - Continental Device India Limited C44H10 Datasheet HTML 3Page - Continental Device India Limited C44H10 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Notes
C44H Series
NPN
C45H Series
PNP
TO-220
Plastic Package
C44H_C45HRev040202E
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited
for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as
to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and
on the CDIL Web Site/CD is believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies
or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any
CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for
use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete
Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do
so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s).
CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119
email@cdil.com
www.cdilsemi.com
Continental Device India Limited
Data Sheet
Page 4 of 4


Similar Part No. - C44H10

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44HKGP6100AASJ KEMET-C44HKGP6100AASJ Datasheet
457Kb / 8P
   C44H Series, 330 - 440 VAC, 700 - 1,000 VDC, for PFC and AC Filter
C44HKGP6100AASK KEMET-C44HKGP6100AASK Datasheet
457Kb / 8P
   C44H Series, 330 - 440 VAC, 700 - 1,000 VDC, for PFC and AC Filter
C44HKGP6100ZASJ KEMET-C44HKGP6100ZASJ Datasheet
457Kb / 8P
   C44H Series, 330 - 440 VAC, 700 - 1,000 VDC, for PFC and AC Filter
C44HKGP6100ZASK KEMET-C44HKGP6100ZASK Datasheet
457Kb / 8P
   C44H Series, 330 - 440 VAC, 700 - 1,000 VDC, for PFC and AC Filter
C44HKGR6100AASJ KEMET-C44HKGR6100AASJ Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 100 uF, 5%, 1,000 V, 440 V
More results

Similar Description - C44H10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MJE710 CENTRAL-MJE710 Datasheet
76Kb / 1P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
MJB42C ONSEMI-MJB42C Datasheet
123Kb / 8P
   Complementary Silicon Plastic Power Transistors
March, 2001 ??Rev. 0
TIP31G ONSEMI-TIP31G Datasheet
85Kb / 7P
   Complementary Silicon Plastic Power Transistors
September, 2015 ??Rev. 16
MJD243 ONSEMI-MJD243_16 Datasheet
112Kb / 8P
   Complementary Silicon Plastic Power Transistors
September, 2016 ??Rev. 17
BD809 ONSEMI-BD809_14 Datasheet
95Kb / 4P
   Plastic High Power Silicon Transistors
November, 2014 ??Rev. 8
TIP41G ONSEMI-TIP41G_14 Datasheet
127Kb / 7P
   Complementary Silicon Plastic Power Transistors
October, 2014 ??Rev. 11
BD787 ONSEMI-BD787_06 Datasheet
78Kb / 6P
   Complementary Plastic Silicon Power Transistors
February, 2006 ??Rev. 11
MJE243 ONSEMI-MJE243_09 Datasheet
193Kb / 6P
   Complementary Silicon Power Plastic Transistors
April, 2009 ??Rev. 13
BD241C ONSEMI-BD241C_07 Datasheet
99Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2007 - Rev. 7
NJVMJB41CT4G ONSEMI-NJVMJB41CT4G Datasheet
131Kb / 6P
   Complementary Silicon Plastic Power Transistors
May, 2013 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com