Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C45H1 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # C45H1
Description  SILICON PLASTIC POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

C45H1 Datasheet(HTML) 3 Page - Continental Device India Limited

  C45H1 Datasheet HTML 1Page - Continental Device India Limited C45H1 Datasheet HTML 2Page - Continental Device India Limited C45H1 Datasheet HTML 3Page - Continental Device India Limited C45H1 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
C44H Series
NPN
C45H Series
PNP
TO-220
Plastic Package
TO-220 Plastic Package
TO-220 Tube Packing
TO-220 /FP
200 pcs/polybag
50 pcs/tube
396 gm/200 pcs
120 gm/50 pcs
3" x 7.5" x 7.5"
3.5" x 3.7" x 21.5"
1.0K
1.0K
17" x 15" x 13.5"
19" x 19" x 19"
16.0K
10.0K
36 kgs
29 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
Pin Configuration
1. Base
2. Collector
3. Emitter
4. Collector
3
2
1
4
All diminsions in mm.
DIM
MIN
MAX
N
O
B
C
D
E
F
G
H
J
K
L
M
A
14.42
16.51
9.63
10.67
3.56
4.83
0.90
1.15
1.40
3.75
3.88
2.29
2.79
2.54
3.43
0.56
12.70
14.73
2.80
4.07
2.03
2.92
31.24
7 DEG
B
F
C
E
1
2
3
D
G
M
J
6.87
13.74
End Pin
Tube Thickness
DEVICE NAME
Label
536.00
±1.5
50 Pcs./Tube
Sr.
QTY.
A ll Dimensions in mm
AMMO PACK SIZE
20 Tubes/Ammo Pack
1000 Pcs./Ammo Pack
Label
538
.00
75.0
Continental Device India Limited
Data Sheet
Page 3 of 4


Similar Part No. - C45H1

ManufacturerPart #DatasheetDescription
logo
Surge Components
C45 SURGE-C45 Datasheet
3Mb / 9P
   Compact size
logo
New Jersey Semi-Conduct...
C45 NJSEMI-C45 Datasheet
262Kb / 3P
   Broad Voltage Range?봘p to 800 V
logo
Powerex Power Semicondu...
C450 POWEREX-C450 Datasheet
505Kb / 4P
   Phase Control SCR 1640 Amperes Average 1600 Volts
logo
Vectron International, ...
C4500 VECTRON-C4500 Datasheet
124Kb / 5P
   Surface Mount Package Optional
C4500 VECTRON-C4500 Datasheet
233Kb / 5P
   OCXO Surface Mount Package Optional AT-Cut and SC-Cut Crystal Options
More results

Similar Description - C45H1

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MJE710 CENTRAL-MJE710 Datasheet
76Kb / 1P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
MJB42C ONSEMI-MJB42C Datasheet
123Kb / 8P
   Complementary Silicon Plastic Power Transistors
March, 2001 ??Rev. 0
TIP31G ONSEMI-TIP31G Datasheet
85Kb / 7P
   Complementary Silicon Plastic Power Transistors
September, 2015 ??Rev. 16
MJD243 ONSEMI-MJD243_16 Datasheet
112Kb / 8P
   Complementary Silicon Plastic Power Transistors
September, 2016 ??Rev. 17
BD809 ONSEMI-BD809_14 Datasheet
95Kb / 4P
   Plastic High Power Silicon Transistors
November, 2014 ??Rev. 8
TIP41G ONSEMI-TIP41G_14 Datasheet
127Kb / 7P
   Complementary Silicon Plastic Power Transistors
October, 2014 ??Rev. 11
BD787 ONSEMI-BD787_06 Datasheet
78Kb / 6P
   Complementary Plastic Silicon Power Transistors
February, 2006 ??Rev. 11
MJE243 ONSEMI-MJE243_09 Datasheet
193Kb / 6P
   Complementary Silicon Power Plastic Transistors
April, 2009 ??Rev. 13
BD241C ONSEMI-BD241C_07 Datasheet
99Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2007 - Rev. 7
NJVMJB41CT4G ONSEMI-NJVMJB41CT4G Datasheet
131Kb / 6P
   Complementary Silicon Plastic Power Transistors
May, 2013 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com