Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMN328D-120I Datasheet(PDF) 7 Page - Hanbit Electronics Co.,Ltd

Part # HMN328D-120I
Description  Non-Volatile SRAM MODULE 256Kbit (32K x 8-Bit),28Pin DIP, 5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMN328D-120I Datasheet(HTML) 7 Page - Hanbit Electronics Co.,Ltd

  HMN328D-120I Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMN328D-120I Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMN328D-120I Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMN328D-120I Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMN328D-120I Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMN328D-120I Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMN328D-120I Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMN328D-120I Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMN328D-120I Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HANBit
HMN328D
URL : www.hbe.co.kr
7
HANBit Electronics Co.,Ltd
Rev. 0.0 (April, 2002)
tRC
tOHZ
tOE
tOLZ
Address
DOUT
/OE
Data Valid
High-Z
High-Z
tACC
- READ CYCLE NO.3 (/OE Access)*1,5
NOTES: 1. /WE is held high for a read cycle.
2. Device is continuously selected: /CE = /OE =VIL.
3. Address is valid prior to or coincident with CE transition low.
4. /OE = VIL.
5. Device is continuously selected: /CE = VIL
- WRITE CYCLE NO.1 (/WE-Controlled)*1,2,3
tWC
tAW
tAS
tCW
tDW
tWP
tDH1
tWR1
tOW
tWZ
Data-in Valid
High-Z
Data Undefined (1)
Address
DIN
DOUT
/WE
/CE


Similar Part No. - HMN328D-120I

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMN328D DLGHANBIT-HMN328D Datasheet
476Kb / 7P
   Non-Volatile SRAM MODULE 256Kbit (32K x 8-Bit),28Pin DIP, 5V
HMN328DLF-70 DLGHANBIT-HMN328DLF-70 Datasheet
476Kb / 7P
   Non-Volatile SRAM MODULE 256Kbit (32K x 8-Bit),28Pin DIP, 5V
HMN328DLF-85 DLGHANBIT-HMN328DLF-85 Datasheet
476Kb / 7P
   Non-Volatile SRAM MODULE 256Kbit (32K x 8-Bit),28Pin DIP, 5V
More results

Similar Description - HMN328D-120I

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMN328D DLGHANBIT-HMN328D Datasheet
476Kb / 7P
   Non-Volatile SRAM MODULE 256Kbit (32K x 8-Bit),28Pin DIP, 5V
logo
Hanbit Electronics Co.,...
HMN88D HANBIT-HMN88D Datasheet
177Kb / 9P
   Non-Volatile SRAM MODULE 64Kbit (8K x 8-Bit),28Pin DIP, 5V
HMN2568D HANBIT-HMN2568D Datasheet
185Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
HMN5128D HANBIT-HMN5128D Datasheet
174Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1M8D HANBIT-HMN1M8D Datasheet
167Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 36Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
HMN4M8DE DLGHANBIT-HMN4M8DE Datasheet
584Kb / 7P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
logo
List of Unclassifed Man...
HMN1288D ETC-HMN1288D Datasheet
168Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com