Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C20 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BZX84C20
Description  SILIICON PLANAR VOLTAGE REGULATOR DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BZX84C20 Datasheet(HTML) 2 Page - Continental Device India Limited

  BZX84C20 Datasheet HTML 1Page - Continental Device India Limited BZX84C20 Datasheet HTML 2Page - Continental Device India Limited BZX84C20 Datasheet HTML 3Page - Continental Device India Limited BZX84C20 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILIICON PLANAR VOLTAGE REGULATOR DIODE
BZX84C2V4 to 75V
SOT-23
Formed SMD Package
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
Device
Temperature
Differential
IR
at VR
Marking
Coefficient
Resistance
SZ (mV/K)
rdiff (
Ω)
µµA
at IZ test=5mA
at IZ test=1mA
min
max
min
max
max
Max
(V)
BZX84C11
10.40
11.60
5.4
9.0
150
0.1
8
Y1
BZX84C12
11.40
12.70
6.0
10
150
0.1
8
Y2
BZX84C13
12.40
14.10
7.0
11
170
0.1
8
Y3
BZX84C15
13.80
15.60
9.2
13
200
0.05
10.5
Y4
BZX84C16
15.30
17.10
10.4
14
200
0.05
11.2
Y5
BZX84C18
16.80
19.10
12.4
16
225
0.05
12.6
Y6
BZX84C20
18.80
21.20
14.4
18
225
0.05
14.0
Y7
BZX84C22
20.80
23.30
16.4
20
250
0.05
15.4
Y8
BZX84C24
22.80
25.60
18.4
22
250
0.05
16.8
Y9
at IZ Test=2mA at IZ Test=0.5mA
BZX84C27
25.10
28.90
21.4
25.3
300
0.05
18.9
Y10
BZX84C30
28.00
32.00
24.4
29.4
300
0.05
21.0
Y11
BZX84C33
31.00
35.00
27.4
33.4
325
0.05
23.1
Y12
BZX84C36
34.00
38.00
30.4
37.4
350
0.05
25.2
Y13
BZX84C39
37.00
41.00
33.4
41.2
350
0.05
27.3
Y14
BZX84C43
40.00
46.00
37.6
46.6
375
0.05
30.1
Y15
BZX84C47
44.00
50.00
42.0
51.8
375
0.05
32.9
Y16
BZX84C51
48.00
54.00
46.6
57.2
400
0.05
35.7
Y17
BZX84C56
52.00
60.00
52.2
63.8
425
0.05
39.2
Y18
BZX84C62
58.00
66.00
58.8
71.6
450
0.05
43.4
Y19
BZX84C68
64.00
72.00
65.6
79.8
475
0.05
47.6
Y20
BZX84C75
70.00
79.00
73.4
88.6
500
0.05
52.5
Y21
BZX84C2V4_75V Rev_060506E
*** Pulse Test 20ms < tp < 50ms
200
215
240
255
130
150
170
180
80
80
90
80
25
30
30
70
at IZ test=5mA
at IZ test=5mA
max
at IZ test=2mA
at IZ Test=2mA
40
45
55
55
20
Resistance
***VZ ( + 5%)
rdiff (
Ω)
(V)
Forward Voltage at VF <0.9V at 10mA and <1.5V at 200mA
Working
Differential
Voltage
Pin Configuration
1 = AN ODE
2 = NC
3 = CATHODE
3
1
2
1
2
3
Continental Device India Limited
Data Sheet
Page 2 of 4


Similar Part No. - BZX84C20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C20 VISHAY-BZX84C20 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
SeCoS Halbleitertechnol...
BZX84C20 SECOS-BZX84C20 Datasheet
453Kb / 3P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
Diotec Semiconductor
BZX84C20 DIOTEC-BZX84C20 Datasheet
126Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
Central Semiconductor C...
BZX84C20 CENTRAL-BZX84C20 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
logo
AiT Semiconductor Inc.
BZX84C20 AITSEMI-BZX84C20 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
More results

Similar Description - BZX84C20

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBZ5225 CDIL-CMBZ5225 Datasheet
100Kb / 3P
   SILIICON PLANAR ZENER DIODE
CZMK3V3 CDIL-CZMK3V3 Datasheet
218Kb / 4P
   SILIICON PLANAR ZENER DIODES
BZX55C2V4 CDIL-BZX55C2V4 Datasheet
104Kb / 4P
   SILIICON PLANAR ZENER DIODES
BZV55C3V6 CDIL-BZV55C3V6 Datasheet
302Kb / 4P
   SILIICON PLANAR ZENER DIODES
BZM55C CDIL-BZM55C Datasheet
191Kb / 4P
   SILIICON PLANAR ZENER DIODES
BZX83C CDIL-BZX83C Datasheet
223Kb / 4P
   SILIICON PLANAR ZENER DIODES
CMBZ5229B CDIL-CMBZ5229B Datasheet
108Kb / 4P
   SILIICON PLANAR ZENER DIODES
CZMA3V9-47V CDIL-CZMA3V9-47V Datasheet
203Kb / 4P
   SILIICON PLANAR ZENER DIODES
CLL5227 CDIL-CLL5227 Datasheet
133Kb / 4P
   SILIICON PLANAR ZENER DIODES
CZMA3V9 CDIL-CZMA3V9 Datasheet
107Kb / 4P
   SILIICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com