Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMN2568D-70 Datasheet(PDF) 9 Page - Hanbit Electronics Co.,Ltd

Part # HMN2568D-70
Description  Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMN2568D-70 Datasheet(HTML) 9 Page - Hanbit Electronics Co.,Ltd

  HMN2568D-70 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMN2568D-70 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMN2568D-70 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMN2568D-70 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMN2568D-70 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMN2568D-70 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMN2568D-70 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMN2568D-70 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMN2568D-70 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
HANBit
HMN2568D
URL : www.hbe.co.kr
9
HANBit Electronics Co.,Ltd
Rev. 0.0 (April, 2002)
PACKAGE DIMENSION
ORDERING INFORMATION
H M N 2568 D – 70 I
Dimension
Min
Max
A
1.470
1.500
B
0.710
0.740
C
0.365
0.375
D
0.012
-
E
0.008
0.013
F
0.590
0.630
G
0.017
0.023
H
0.090
0.110
I
0.075
0.110
J
0.120
0.150
Device : 256K x 8 bit
Speed options : 70 = 70 ns
85 = 85 ns
120 = 120 ns
150 = 150 ns
HANBit Memory Module
Nonvolatile SRAM
Dip type package
H
G
I
J
A
B
C
D
F
E
Operating Temp. : Blank = Commercial (0 to 70
°C )
I = Industrial (-40 to 85
°C)


Similar Part No. - HMN2568D-70

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN28D HANBIT-HMN28D Datasheet
171Kb / 9P
   Non-Volatile SRAM MODULE 16Kbit (2K x 8-Bit), 24pin DIP, 5V
HMN28D-120 HANBIT-HMN28D-120 Datasheet
171Kb / 9P
   Non-Volatile SRAM MODULE 16Kbit (2K x 8-Bit), 24pin DIP, 5V
HMN28D-120I HANBIT-HMN28D-120I Datasheet
171Kb / 9P
   Non-Volatile SRAM MODULE 16Kbit (2K x 8-Bit), 24pin DIP, 5V
HMN28D-150 HANBIT-HMN28D-150 Datasheet
171Kb / 9P
   Non-Volatile SRAM MODULE 16Kbit (2K x 8-Bit), 24pin DIP, 5V
HMN28D-150I HANBIT-HMN28D-150I Datasheet
171Kb / 9P
   Non-Volatile SRAM MODULE 16Kbit (2K x 8-Bit), 24pin DIP, 5V
More results

Similar Description - HMN2568D-70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMN1288D ETC-HMN1288D Datasheet
168Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN5128D HANBIT-HMN5128D Datasheet
174Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
List of Unclassifed Man...
HMN12816D ETC-HMN12816D Datasheet
143Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
logo
Hanbit Electronics Co.,...
HMN12816D HANBIT-HMN12816D Datasheet
147Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
HMN1288DV HANBIT-HMN1288DV Datasheet
98Kb / 9P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
logo
DLG Hanbit co.,Ltd.
HMN5128DV DLGHANBIT-HMN5128DV Datasheet
564Kb / 6P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
Hanbit Electronics Co.,...
HMN5128DV HANBIT-HMN5128DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com