Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMN5128D Datasheet(PDF) 2 Page - Hanbit Electronics Co.,Ltd

Part # HMN5128D
Description  Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMN5128D Datasheet(HTML) 2 Page - Hanbit Electronics Co.,Ltd

  HMN5128D Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMN5128D Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMN5128D Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMN5128D Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMN5128D Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMN5128D Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMN5128D Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMN5128D Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMN5128D Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HANBit
HMN5128D
URL : www.hbe.co.kr
2
HANBit Electronics Co.,Ltd
Rev. 0.0 (April, 2002)
FUNCTIONAL DESCRIPTION
The HMN5128D executes a read cycle whenever /WE is inactive(high) and /CE is active(low). The address specified by
the address inputs(A0-A18) defines which of the 524,288 bytes of data is accessed. Valid data will be available to the eight
data output drivers within tACC (access time) after the last address input signal is stable.
When power is valid, the HMN5128D operates as a standard CMOS SRAM. During power-down and power-up cycles, the
HMN5128D acts as a nonvolatile memory, automatically protecting and preserving the memory contents.
The HMN5128D is in the write mode whenever the /WE and /CE signals are in the active (low) state after address inputs
are stable. The later occurring falling edge of /CE or /WE will determine the start of the write cycle. The write cycle is
terminated by the earlier rising edge of /CE or /WE. All address inputs must be kept valid throughout the write cycle. /WE
must return to the high state for a minimum recovery time (tWR) before another cycle can be initiated. The /OE control
signal should be kept inactive (high) during write cycles to avoid bus contention. However, if the output bus been enabled
(/CE and /OE active) then /WE will disable the outputs in tODW from its falling edge.
The HMN5128D provides full functional capability for Vcc greater than 4.5 V and write protects by 4.37 V nominal. Power-
down/power-up control circuitry constantly monitors the Vcc supply for a power-fail-detect threshold VPFD. When VCC falls
below the VPFD threshold, the SRAM automatically write-protects the data. All inputs to the RAM become “don’t care” and
all outputs are high impedance. As Vcc falls below approximately 3 V, the power switching circuit connects the lithium
energy soure to RAM to retain data. During power-up, when Vcc rises above approximately 3.0 volts, the power switching
circuit connects external Vcc to the RAM and disconnects the lithium energy source. Normal RAM operation can resume
after Vcc exceeds 4.5 volts.
BLOCK DIAGRAM
PIN DESCRIPTION
A0-A18 : Address Input
/CE : Chip Enable
VSS : Ground
DQ0-DQ7 : Data In / Data Out
/WE : Write Enable
/OE : Output Enable
VCC: Power (+5V)
NC : No Connection
DQ0-DQ7
A0-A18
/OE
/WE
/CE CON
Power
VCC
Lithium
Cell
512K x 8
SRAM
Block
/CE
Power – Fail
Control


Similar Part No. - HMN5128D

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
HMN5128DLF-70 DLGHANBIT-HMN5128DLF-70 Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN5128DV HANBIT-HMN5128DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
DLG Hanbit co.,Ltd.
HMN5128DV DLGHANBIT-HMN5128DV Datasheet
564Kb / 6P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
Hanbit Electronics Co.,...
HMN5128DV-120 HANBIT-HMN5128DV-120 Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
More results

Similar Description - HMN5128D

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
HMN5128DV DLGHANBIT-HMN5128DV Datasheet
564Kb / 6P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
Hanbit Electronics Co.,...
HMN5128DV HANBIT-HMN5128DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
List of Unclassifed Man...
HMN1288D ETC-HMN1288D Datasheet
168Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN2568D HANBIT-HMN2568D Datasheet
185Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1288DV HANBIT-HMN1288DV Datasheet
98Kb / 9P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
HMN5128JV HANBIT-HMN5128JV Datasheet
166Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),34Pin-JLCC, 3.3V
logo
DLG Hanbit co.,Ltd.
HMN1288DV DLGHANBIT-HMN1288DV Datasheet
491Kb / 7P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com