Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMN1288DV-120I Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMN1288DV-120I
Description  Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMN1288DV-120I Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMN1288DV-120I Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMN1288DV-120I Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMN1288DV-120I Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMN1288DV-120I Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMN1288DV-120I Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMN1288DV-120I Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMN1288DV-120I Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMN1288DV-120I Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMN1288DV-120I Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HANBit
HMN1288DV
URL : www.hbe.co.kr
4
HANBit Electronics Co.,Ltd
Rev. 1.0 (June, 2004)
DC ELECTRICAL CHARACTERISTICS (TA= TOPR, VCCmin
≤ V
CC
VCCmax )
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP.
MAX
UNIT
Input Leakage Current
VIN=VSS to VCC
ILI
-
-
± 3.0
µA
Output Leakage Current
/CE=VIH or /OE=VIH
or /WE=VIL
ILO
-
-
± 3.0
µA
Output high voltage
IOH=-1.0mA
VOH
2.4
-
-
V
Output low voltage
IOL= 2.0mA
VOL
-
-
0.4
V
Power-fail Deselect Voltage
Threshold
Select
Voltage
(THS = VSS )
VPFD
2.8
2.9
3.0
V
Standby supply current
/CE=2.2v
ISB
-
-
0.6
Standby supply current
/CE≥ VCC-0.2V,
0V≤ VIN≤ 0.2V,
or VIN≥ VCC-0.2V
ISB1
-
-
30
µA
Operating
Power
supply
current
/CE=VIL, II/O=0㎃ ,
VIN = VIL or VIH, Read
ICC
-
12
Supply switch-over voltage
VSO
-
2.5
-
V
NOTE: Typical values indicate operation at TA = 25℃ .
CHARACTERISTICS (Test Conditions)
PARAMETER
VALUE
Input pulse levels
0 to 3V
Input rise and fall times
5 ns
Input and output timing
reference levels
1.5V
( unless otherwise specified)
Output load
(including scope and jig)
See Figures 1and 2
1.9KΩ
5㎊
DOUT
DOUT
+5V
+5V
1KΩ
1KΩ
1.9KΩ
100㎊
Figure 1.
Output Load A
Figure 2.
Output Load B
FinePrint pdfFactory 평가 판 으로 만든 PDFhttp://www.softvision.co.kr


Similar Part No. - HMN1288DV-120I

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMN1288DV DLGHANBIT-HMN1288DV Datasheet
491Kb / 7P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
HMN1288DVLF-120 DLGHANBIT-HMN1288DVLF-120 Datasheet
491Kb / 7P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
HMN1288DVLF-150 DLGHANBIT-HMN1288DVLF-150 Datasheet
491Kb / 7P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
HMN1288DVLF-70 DLGHANBIT-HMN1288DVLF-70 Datasheet
491Kb / 7P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
HMN1288DVLF-85 DLGHANBIT-HMN1288DVLF-85 Datasheet
491Kb / 7P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
More results

Similar Description - HMN1288DV-120I

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMN1288DV DLGHANBIT-HMN1288DV Datasheet
491Kb / 7P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
logo
List of Unclassifed Man...
HMN1288D ETC-HMN1288D Datasheet
168Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
HMN5128DV DLGHANBIT-HMN5128DV Datasheet
564Kb / 6P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
Hanbit Electronics Co.,...
HMN5128DV HANBIT-HMN5128DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
DLG Hanbit co.,Ltd.
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
logo
List of Unclassifed Man...
HMN1288J ETC1-HMN1288J Datasheet
158Kb / 8P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit),34Pin-JLCC, 5V
logo
Hanbit Electronics Co.,...
HMN2568D HANBIT-HMN2568D Datasheet
185Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
HMN5128D HANBIT-HMN5128D Datasheet
174Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com