Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMN5128D-120 Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part # HMN5128D-120
Description  Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMN5128D-120 Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

  HMN5128D-120 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMN5128D-120 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMN5128D-120 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMN5128D-120 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMN5128D-120 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMN5128D-120 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMN5128D-120 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMN5128D-120 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMN5128D-120 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HANBit
HMN5128D
URL : www.hbe.co.kr
6
HANBit Electronics Co.,Ltd
Rev. 0.0 (April, 2002)
POWER-DOWN/POWER-UP CYCLE (TA= TOPR, VCC=5V)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP.
MAX
UNIT
VCC slew, 4.75 to 4.25V
tPF
300
-
-
VCC slew, 4.75 to VSO
tFS
10
-
-
VCC slew, VSO to VPFD
(max)
tPU
0
-
-
Chip enable recovery time
tCER
Time during which SRAM
is
write-protected
after
VCC
passes VPFD on power-up.
40
80
120
ms
Data-retention time in
Absence of VCC
tDR
TA = 25℃
10
-
-
years
Write-protect time
tWPT
Delay after VCC slews
down
past VPFD before SRAM is
Write-protected.
40
100
150
TIMING WAVEFORM
- READ CYCLE NO.1 (Address Access)*1,2
- READ CYCLE NO.2 (/CE Access)*1,3,4
Address
DOUT
Data Valid
tOH
tACC
tRC
Previous Data Valid
tACE
tCLZ
tRC
tCHZ
/CE
High-Z
High-Z
DOUT


Similar Part No. - HMN5128D-120

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
HMN5128DLF-70 DLGHANBIT-HMN5128DLF-70 Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN5128DV HANBIT-HMN5128DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
DLG Hanbit co.,Ltd.
HMN5128DV DLGHANBIT-HMN5128DV Datasheet
564Kb / 6P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
Hanbit Electronics Co.,...
HMN5128DV-120 HANBIT-HMN5128DV-120 Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
More results

Similar Description - HMN5128D-120

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
HMN5128DV DLGHANBIT-HMN5128DV Datasheet
564Kb / 6P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
Hanbit Electronics Co.,...
HMN5128DV HANBIT-HMN5128DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
List of Unclassifed Man...
HMN1288D ETC-HMN1288D Datasheet
168Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN2568D HANBIT-HMN2568D Datasheet
185Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1288DV HANBIT-HMN1288DV Datasheet
98Kb / 9P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
HMN5128JV HANBIT-HMN5128JV Datasheet
166Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),34Pin-JLCC, 3.3V
logo
DLG Hanbit co.,Ltd.
HMN1288DV DLGHANBIT-HMN1288DV Datasheet
491Kb / 7P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com