Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMN5128DV Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part # HMN5128DV
Description  Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMN5128DV Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  HMN5128DV Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMN5128DV Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMN5128DV Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMN5128DV Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMN5128DV Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMN5128DV Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMN5128DV Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMN5128DV Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMN5128DV Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HANBit
HMN5128DV
URL:www.hbe.co.kr
3
HANBit Electronics Co.,Ltd.
Rev.0.0 (FEBRUARY/ 2002)
TRUTH TABLE
MODE
/OE
/CE
/WE
I/O OPERATION
POWER
Not selected
X
H
X
High Z
Standby
Output disable
H
L
H
High Z
Active
Read
L
L
H
DOUT
Active
Write
X
L
L
DIN
Active
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
CONDITIONS
DC voltage applied on VCC relative to VSS
VCC
-0.5V to Vcc+0.5
DC Voltage applied on any pin excluding VCC
relative to VSS
VT
-0.3V to 4.6V
VT≤ VCC+0.3
Operating temperature
TOPR
0 to 70
°C
Storage temperature
TSTG
-65
°C to 150°C
Soldering temperature
TSOLDER
260
°C
For 10 second
NOTE: Permanent device damage may occur if Absolute Maximum Ratings are exceeded.
Functional operation should be restricted to the Recommended DC Operating Conditions detailed in this data sheet.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS ( TA= TOPR )
PARAMETER
SYMBOL
MIN
TYPICAL
MAX
Supply Voltage
VCC
3.0V
3.3V
3.6V
Ground
VSS
0
0
0
Input high voltage
VIH
2.2
-
Vcc+0.3V
Input low voltage
VIL
-0.3
-
0.6V
NOTE: Typical values indicate operation at TA = 25℃
CAPACITANCE (TA=25℃ , f=1MHz, VCC=5.0V)
DESCRIPTION
CONDITIONS
SYMBOL
MAX
MIN
UNIT
Input Capacitance
Input voltage = 0V
CIN
8
-
pF
Input/Output Capacitance
Output voltage = 0V
CI/O
10
-
pF
1. Only sampled, not 100% tested


Similar Part No. - HMN5128DV

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMN5128DV DLGHANBIT-HMN5128DV Datasheet
564Kb / 6P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
HMN5128DVLF-70 DLGHANBIT-HMN5128DVLF-70 Datasheet
564Kb / 6P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
HMN5128DVLF-85 DLGHANBIT-HMN5128DVLF-85 Datasheet
564Kb / 6P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
More results

Similar Description - HMN5128DV

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMN5128DV DLGHANBIT-HMN5128DV Datasheet
564Kb / 6P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN5128D HANBIT-HMN5128D Datasheet
174Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
HMN5128JV HANBIT-HMN5128JV Datasheet
166Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),34Pin-JLCC, 3.3V
HMN1288DV HANBIT-HMN1288DV Datasheet
98Kb / 9P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
logo
DLG Hanbit co.,Ltd.
HMN1288DV DLGHANBIT-HMN1288DV Datasheet
491Kb / 7P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
logo
List of Unclassifed Man...
HMN1288D ETC-HMN1288D Datasheet
168Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN2568D HANBIT-HMN2568D Datasheet
185Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com