Electronic Components Datasheet Search |
|
2N2907 Datasheet(PDF) 3 Page - NXP Semiconductors |
|
2N2907 Datasheet(HTML) 3 Page - NXP Semiconductors |
3 / 8 page 1997 May 30 3 Philips Semiconductors Product specification PNP switching transistors 2N2907; 2N2907A LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). THERMAL CHARACTERISTICS SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VCBO collector-base voltage open emitter −−60 V VCEO collector-emitter voltage open base; IC <−100 mA 2N2907 −−40 V 2N2907A −−60 V VEBO emitter-base voltage open collector −−5V IC collector current (DC) −−600 mA ICM peak collector current −−800 mA IBM peak base current −−200 mA Ptot total power dissipation Tamb ≤ 25 °C − 400 mW Tcase ≤ 25 °C − 1.2 W Tstg storage temperature −65 +150 °C Tj junction temperature − 200 °C Tamb operating ambient temperature −65 +150 °C SYMBOL PARAMETER CONDITIONS VALUE UNIT Rth j-a thermal resistance from junction to ambient in free air 438 K/W Rth j-c thermal resistance from junction to case 146 K/W |
Similar Part No. - 2N2907 |
|
Similar Description - 2N2907 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |