Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3019 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2N3019
Description  NPN medium power transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N3019 Datasheet(HTML) 2 Page - NXP Semiconductors

  2N3019 Datasheet HTML 1Page - NXP Semiconductors 2N3019 Datasheet HTML 2Page - NXP Semiconductors 2N3019 Datasheet HTML 3Page - NXP Semiconductors 2N3019 Datasheet HTML 4Page - NXP Semiconductors 2N3019 Datasheet HTML 5Page - NXP Semiconductors 2N3019 Datasheet HTML 6Page - NXP Semiconductors 2N3019 Datasheet HTML 7Page - NXP Semiconductors 2N3019 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Jun 19
2
Philips Semiconductors
Product specification
NPN medium power transistor
2N3019
FEATURES
• High current (max. 1 A)
• Low voltage (max. 80 V).
APPLICATIONS
• Amplifier and switching circuits.
DESCRIPTION
NPN medium power transistor in a TO-39 metal package.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
collector, connected to case
Fig.1 Simplified outline (TO-39) and symbol.
handbook, halfpage
3
1
2
MAM317
1
2
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
140
V
VCEO
collector-emitter voltage
open base
80
V
IC
collector current (DC)
1A
Ptot
total power dissipation
Tamb ≤ 25 °C
800
mW
Tcase ≤ 25 °C
5W
hFE
DC current gain
IC = 150 mA; VCE = 10 V
100
300
fT
transition frequency
IC = 50 mA; VCE = 10 V; f = 100 MHz
100
MHz


Similar Part No. - 2N3019

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3019 STMICROELECTRONICS-2N3019 Datasheet
67Kb / 4P
   HIGH CURRENT, HIGH FREQUENCY AMPLIFIERS
November 1997
2N3019 STMICROELECTRONICS-2N3019 Datasheet
49Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
logo
Seme LAB
2N3019 SEME-LAB-2N3019 Datasheet
17Kb / 2P
   NPN SILICON TRANSISTOR
logo
Comset Semiconductor
2N3019 COMSET-2N3019 Datasheet
176Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Semicoa Semiconductor
2N3019 SEMICOA-2N3019 Datasheet
31Kb / 1P
   Chip Type 2C3019 Geometry 4500 Polarity PNP
More results

Similar Description - 2N3019

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N1893 PHILIPS-2N1893 Datasheet
51Kb / 8P
   NPN medium power transistor
1997 Apr 17
BCP68 PHILIPS-BCP68 Datasheet
45Kb / 8P
   NPN medium power transistor
1999 Apr 08
logo
Rohm
UMT4401 ROHM-UMT4401 Datasheet
80Kb / 3P
   NPN Medium Power Transistor
logo
Guangdong Kexin Industr...
BC868 KEXIN-BC868 Datasheet
53Kb / 2P
   NPN Medium Power Transistor
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
117Kb / 8P
   NPN medium power transistor
logo
Diodes Incorporated
BC56-16PA DIODES-BC56-16PA Datasheet
376Kb / 7P
   NPN MEDIUM POWER TRANSISTOR
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
92Kb / 8P
   NPN MEDIUM POWER TRANSISTOR
October 2007 Rev 3
logo
Guangdong Kexin Industr...
BCP68 KEXIN-BCP68 Datasheet
40Kb / 2P
   NPN Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SC2411KPT CHENMKO-2SC2411KPT Datasheet
97Kb / 3P
   Medium Power NPN Transistor
logo
Rohm
SST2222AHZG ROHM-SST2222AHZG Datasheet
1Mb / 8P
   NPN Medium Power Transistor
logo
SHIKUES Electronics
BCX71 SKTECHNOLGY-BCX71 Datasheet
550Kb / 2P
   NPN medium power transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com