Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMNR28D-85 Datasheet(PDF) 10 Page - Hanbit Electronics Co.,Ltd

Part # HMNR28D-85
Description  5.0 or 3.3V, 16K bit (2 Kbit x 8) TIMEKEEPER NVSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMNR28D-85 Datasheet(HTML) 10 Page - Hanbit Electronics Co.,Ltd

Back Button HMNR28D-85 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMNR28D-85 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMNR28D-85 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMNR28D-85 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMNR28D-85 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HMNR28D-85 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HMNR28D-85 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd HMNR28D-85 Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd HMNR28D-85 Datasheet HTML 13Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HANBit
HMNR28D(V)
URL : www.hbe.co.kr
10
HANBit Electronics Co.,Ltd.
Rev. 0.0 (March, 2002)
Register Map
Data
Address
D7
D6
D5
D4
D3
D2
D1
D0
Funtion /
Range BCD Format
7FF
10Years
Year
Year
00-99
7FE
0
0
0
10M
Month
Month
01-12
7FD
0
0
10 Date
Date : Day of Month
Date
01-31
7FC
0
FT
0
0
0
Day
Day
01-07
7FB
0
0
10 Hours
Hours(24 Hour Format)
Hours
00-23
7FA
0
10 Minutes
Minutes
Minutes
00-59
7F9
ST
10 Seconds
Seconds
Seconds
00-59
7F8
W
R
S
Calibration
Control
7F7
0
0
0
0
0
0
0
0
7F6
0
0
0
0
0
0
0
0
7F5
0
0
0
0
0
0
0
0
7F4
0
0
0
0
0
0
0
0
7F3
0
0
0
0
0
0
0
0
7F2
0
0
0
0
0
0
0
0
7F1
1000 Years
100 Years
Century
00-99
7F0
0
0
0
BL
0
0
0
0
Flag
Keys :
R = READ Bit
W = WRITE Bit
ST = Stop Bit
0 = Must be set to ’0’
BL = Battery Low Flag
S = Sign Bit
CLOCK OPERATIONS
The HMNR28D(V) offers 16 internal registers which contain TIMEKEEPER, and Control data. These registers are memory
locations which contain external (user accessible) and internal copies of the data. The external copies are independent of
internal functions except that they are updated periodically by the simultaneous transfer of the incremented internal copy.
TIMEKEEPER Registers store data in BCD. Control Registers store data in Binary Format.
Reading the Clock
Updates to the TIMEKEEPER registers should be halted before clock data is read to prevent reading data in transition.
The TIMEKEEPER cells in the RAM array are only data registers and not the actual clock counters, so updating the
registers can be halted without disturbing the clock itself. Updating is halted when a ’1’is written to the READ Bit, D6 in the
Control Register (7F8h). As long as a ’1’remains in that position, updating is halted. After a halt is issued, the registers
reflect the count; that is, the day, date, and time that were current at the moment the halt command was is-sued. All of the
TIMEKEEPER registers are updated simultaneously. A halt will not interrupt an update in progress. Updating occurs
approximately 1 second after the READ Bit is reset to a ’0.’


Similar Part No. - HMNR28D-85

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMNR28D DLGHANBIT-HMNR28D Datasheet
836Kb / 11P
   5.0 or 3.3V, 16K bit (2 Kbit x 8) TIMEKEEPER NVSRAM
HMNR28DV DLGHANBIT-HMNR28DV Datasheet
836Kb / 11P
   5.0 or 3.3V, 16K bit (2 Kbit x 8) TIMEKEEPER NVSRAM
HMNR28DVLF-70 DLGHANBIT-HMNR28DVLF-70 Datasheet
836Kb / 11P
   5.0 or 3.3V, 16K bit (2 Kbit x 8) TIMEKEEPER NVSRAM
HMNR28DVLF-85 DLGHANBIT-HMNR28DVLF-85 Datasheet
836Kb / 11P
   5.0 or 3.3V, 16K bit (2 Kbit x 8) TIMEKEEPER NVSRAM
More results

Similar Description - HMNR28D-85

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMNR28D DLGHANBIT-HMNR28D Datasheet
836Kb / 11P
   5.0 or 3.3V, 16K bit (2 Kbit x 8) TIMEKEEPER NVSRAM
logo
Hanbit Electronics Co.,...
HMNR88D HANBIT-HMNR88D Datasheet
258Kb / 13P
   5.0 or 3.3V, 64K bit (8 Kbit x 8) TIMEKEEPER NVSRAM
logo
DLG Hanbit co.,Ltd.
HMNR88D DLGHANBIT-HMNR88D Datasheet
741Kb / 12P
   5.0 or 3.3V, 64K bit (8 Kbit x 8) TIMEKEEPER NVSRAM
logo
Hanbit Electronics Co.,...
HMNR328D HANBIT-HMNR328D Datasheet
302Kb / 13P
   5.0 or 3.3V, 256K bit (32 Kbit x 8) TIMEKEEPER NVSRAM
logo
DLG Hanbit co.,Ltd.
HMNR328D DLGHANBIT-HMNR328D Datasheet
716Kb / 10P
   5.0 or 3.3V, 256K bit (32 Kbit x 8) TIMEKEEPER NVSRAM
logo
Hanbit Electronics Co.,...
HMNR1288D HANBIT-HMNR1288D Datasheet
315Kb / 14P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
HMNR5128D HANBIT-HMNR5128D Datasheet
274Kb / 13P
   5.0 or 3.3V, 4 Mbit (512 Kbit x 8) TIMEKEEPER NVSRAM
logo
DLG Hanbit co.,Ltd.
HMNR5128D DLGHANBIT-HMNR5128D Datasheet
724Kb / 11P
   5.0 or 3.3V, 4 Mbit (512 Kbit x 8) TIMEKEEPER NVSRAM
HMNR1288D DLGHANBIT-HMNR1288D Datasheet
727Kb / 11P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
logo
STMicroelectronics
M48T129Y STMICROELECTRONICS-M48T129Y_05 Datasheet
481Kb / 30P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com