Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5544DUR Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N5544DUR
Description  Low Voltage Surface Mount 500 mW Avalanche Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5544DUR Datasheet(HTML) 1 Page - Microsemi Corporation

  1N5544DUR Datasheet HTML 1Page - Microsemi Corporation 1N5544DUR Datasheet HTML 2Page - Microsemi Corporation 1N5544DUR Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low Voltage Surface Mount
500 mW Avalanche Diodes
SCOTTSD A L E DIVISION
1N5518BUR thru 1N5546BUR
(or MLL5518B thru MLL5546B)
DESCRIPTION
APPEARANCE
The 1N5518BUR thru 1N5546BUR series of 0.5 watt glass surface mount
Zener voltage regulators provides a selection from 3.3 to 33 volts in standard
5% tolerances as well as tighter tolerances identified by different suffix
letters on the part number.
These are also available with an internal-
metallurgical-bond option by adding a “-1” suffix (see separate data sheet)
including JAN, JANTX, and JANTXV military qualifications. Microsemi also
offers numerous other Zener products to meet higher and lower power
applications.
DO-213AA
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Surface mount equivalent to JEDEC registered
1N
5518 thru 1N5546 series
• Internally metallurgical bond option available by
adding “-1” suffix that also includes JAN, JANTX,
and JANTXV qualifications per MIL-PRF-19500/437
(see separate data sheet for same part numbers
with “-1” suffix
• DO-7 or DO-35 glass body axial-leaded Zener
equivalents also available per JEDEC registration
(see separate data sheets for part numbers 1N5518
thru 1N5546 DO-7 and DO-35
Regulates voltage over a broad operating current
and temperature range
Extensive selection from 3.3 to 33 V
Standard voltage tolerances are plus/minus 5% with
a “B” suffix, e.g. 1N5518BUR, etc.
Tight tolerances available in plus or minus 2% or 1%
with C or D suffix respectively, e.g. 1N5518CUR,
1N5518DUR, etc.
Hermetically sealed surface mount package
Nonsensitive to ESD per MIL-STD-750 Method 1020
Minimal capacitance (see Figure 3)
Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Operating and Storage temperature: -65ºC to
+175
ºC
• Thermal Resistance: 150 ºC/W junction to end cap
and 300
ºC/W junction to ambient when mounted on
FR4 PC board (1 oz Cu) with recommended footprint
(see last page)
• Steady-State Power: 0.5 watts at end cap
temperature TEC < 100
ºC or ambient temperature TA
< 25
ºC when mounted on FR4 PC board as
described for thermal resistance above (see Figure
2 for derating)
• Forward voltage @200 mA: 1.1 volts (maximum)
• Solder Temperatures: 260 ºC for 10 s (max)
CASE: Hermetically sealed glass DO-213AA
(SOD80 or MLL34) MELF style package
TERMINALS: End caps tin-lead plated solderable
per MIL-STD-750, method 2026
POLARITY: Cathode indicated by band where
diode is to be operated with the banded end positive
with respect to the opposite end for Zener regulation
MARKING: cathode band only
TAPE & REEL option: Standard per EIA-481-1-A
with 12 mm tape, 2000 per 7 inch reel or 5000 per
13 inch reel (add “TR” suffix to part number)
WEIGHT: 0.04 grams
See package dimensions and recommended pad
layout on last page
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2003
10-13-2003 REV A


Similar Part No. - 1N5544DUR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5544DUR MICROSEMI-1N5544DUR Datasheet
113Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
1N5544DUR-1 MICROSEMI-1N5544DUR-1 Datasheet
113Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
More results

Similar Description - 1N5544DUR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
1N5985BUR-1 MICROSEMI-1N5985BUR-1 Datasheet
397Kb / 5P
   Surface Mount 500 mW Zener Diodes
Rev. 1
1N5221UR MICROSEMI-1N5221UR Datasheet
149Kb / 3P
   500 mW GLASS SURFACE MOUNT ZENER DIODES
1N4614UR-1 MICROSEMI-1N4614UR-1_V01 Datasheet
467Kb / 6P
   500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
Rev. 2
logo
New Jersey Semi-Conduct...
1N6062B NJSEMI-1N6062B Datasheet
94Kb / 1P
   400 mW low voltage avalanche low noise silicon zener diodes
logo
ON Semiconductor
MMSZ4XXXT1G ONSEMI-MMSZ4XXXT1G Datasheet
168Kb / 7P
   Zener Voltage Regulators 500 mW, Low IZT SOD-123 Surface Mount
April, 2018 - Rev. 12
MM5Z4XXXTXG ONSEMI-MM5Z4XXXTXG Datasheet
198Kb / 7P
   Zener Voltage Regulators 500 mW, Low IZ SOD??23 Surface Mount
November, 2020 ??Rev. 3
logo
Microsemi Corporation
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
logo
Leshan Radio Company
LMSZ4678T1G LRC-LMSZ4678T1G Datasheet
129Kb / 6P
   500 mW SOD??23 Surface Mount
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com