Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZM55C30V Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BZM55C30V
Description  SILIICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BZM55C30V Datasheet(HTML) 1 Page - Continental Device India Limited

  BZM55C30V Datasheet HTML 1Page - Continental Device India Limited BZM55C30V Datasheet HTML 2Page - Continental Device India Limited BZM55C30V Datasheet HTML 3Page - Continental Device India Limited BZM55C30V Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILIICON PLANAR ZENER DIODES
BZM55C 2V4 - 75V
LS-31 (MICRO-MELF)
GLASS PACKAGE
MAXIMUM RATINGS
SYMBOL
PD
Tj
Tstg
THERMAL RESISTANCE
Junction to Ambient in free air
Rth (j-a)
Junction to tie point
*Rth (j-L)
*35
µµm copper clad, 0.9mm2 copper area per electrode
ELECTRICAL CHARACTERISTICS (Tj=25°C unless specified otherwise)
Forward Voltage at IF=200mA
VF
Device #
VZT
rZT
IZT
rZK
IR
at
VR
**at IZT
**at IZT
at
IZK
Ta
25°C
150°C
min
max
max
max
max
max
(V)
(V)
(
Ω)
(mA)
(
Ω)
(mA)
(
µµA)
(
µµA)
(V)
BZM55C2V4
2.28
2.56
85
5.0
600
1.0
100
50
1.0
BZM55C2V7
2.50
2.90
85
5.0
600
1.0
10
50
1.0
BZM55C3V0
2.80
3.20
90
5.0
600
1.0
4.0
40
1.0
BZM55C3V3
3.10
3.50
90
5.0
600
1.0
2.0
40
1.0
BZM55C3V6
3.40
3.80
90
5.0
600
1.0
2.0
40
1.0
BZM55C3V9
3.70
4.10
90
5.0
600
1.0
2.0
40
1.0
BZM55C4V3
4.00
4.60
90
5.0
600
1.0
1.0
20
1.0
BZM55C4V7
4.40
5.00
80
5.0
600
1.0
0.5
10
1.0
BZM55C5V1
4.80
5.40
60
5.0
550
1.0
0.1
2.0
1.0
BZM55C5V6
5.20
6.00
40
5.0
450
1.0
0.1
2.0
1.0
BZM55C6V2
5.80
6.60
10
5.0
200
1.0
0.1
2.0
2.0
BZM55C6V8
6.40
7.20
8
5.0
150
1.0
0.1
2.0
3.0
BZM55C7V5
7.00
7.90
7
5.0
50
1.0
0.1
2.0
5.0
BZM55C8V2
7.70
8.70
7
5.0
50
1.0
0.1
2.0
6.2
BZM55C9V1
8.50
9.60
10
5.0
50
1.0
0.1
2.0
6.8
BZM55C10
9.40
10.60
15
5.0
70
1.0
0.1
2.0
7.5
BZM55C11
10.40
11.60
20
5.0
70
1.0
0.1
2.0
8.2
BZM55C12
11.40
12.70
20
5.0
90
1.0
0.1
2.0
9.1
BZM55C13
12.40
14.10
26
5.0
110
1.0
0.1
2.0
10
BZM55C15
13.80
15.60
30
5.0
110
1.0
0.1
2.0
11
** tp/T <100ms
BZM55C2V4_75V Rev061005E
500
Zener Voltage
0.03 ~
0.07
0.03 ~
0.11
of
mW
°C
VALUE
UNIT
DESCRIPTION
TEST CONDITIONS
1.5
V
Power Dissipation
Rth (j-a) <300K/W
Junction Temperature
Storage Temperature Range
500
°C
175
- 65 to +175
Temp. Coeff
0.03 ~
0.11
(%/K)
- 0.05 ~ + 0.02
- 0.02 ~ + 0.02
- 0.05 ~ + 0.05
0.03 ~
0.06
0.03 ~
0.07
0.03 ~
0.09
0.03 ~
0.10
K/W
300
K/W
0.03 ~
0.11
0.03 ~
0.11
0.03 ~
0.08
- 0.09 ~ - 0.06
- 0.09 ~ - 0.06
- 0.08 ~ - 0.05
- 0.08 ~ - 0.05
- 0.08 ~ - 0.05
- 0.08 ~ - 0.05
- 0.06 ~ - 0.03
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BZM55C30V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZM55C30 VISHAY-BZM55C30 Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Weitron Technology
BZM55C30 WEITRON-BZM55C30 Datasheet
305Kb / 5P
   Surface Mount Zener Diodes
logo
Vishay Siliconix
BZM55C30 VISHAY-BZM55C30 Datasheet
152Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 10-Mar-06
logo
Rectron Semiconductor
BZM55C30 RECTRON-BZM55C30 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
logo
Weitron Technology
BZM55C30 WEITRON-BZM55C30 Datasheet
2Mb / 5P
   Surface Mount Zener Diodes
More results

Similar Description - BZM55C30V

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CZMK3V3 CDIL-CZMK3V3 Datasheet
218Kb / 4P
   SILIICON PLANAR ZENER DIODES
BZX55C2V4 CDIL-BZX55C2V4 Datasheet
104Kb / 4P
   SILIICON PLANAR ZENER DIODES
BZV55C3V6 CDIL-BZV55C3V6 Datasheet
302Kb / 4P
   SILIICON PLANAR ZENER DIODES
BZX83C CDIL-BZX83C Datasheet
223Kb / 4P
   SILIICON PLANAR ZENER DIODES
CMBZ5229B CDIL-CMBZ5229B Datasheet
108Kb / 4P
   SILIICON PLANAR ZENER DIODES
CZMA3V9-47V CDIL-CZMA3V9-47V Datasheet
203Kb / 4P
   SILIICON PLANAR ZENER DIODES
CLL5227 CDIL-CLL5227 Datasheet
133Kb / 4P
   SILIICON PLANAR ZENER DIODES
CZMA3V9 CDIL-CZMA3V9 Datasheet
107Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
BZX83C NJSEMI-BZX83C Datasheet
132Kb / 2P
   SILIICON PLANAR ZENER DIODES
logo
Continental Device Indi...
CZMK3V3-39V CDIL-CZMK3V3-39V Datasheet
312Kb / 4P
   SILIICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com