Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3866 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 2N3866
Description  Silicon planar epitaxial overlay transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N3866 Datasheet(HTML) 5 Page - NXP Semiconductors

  2N3866 Datasheet HTML 1Page - NXP Semiconductors 2N3866 Datasheet HTML 2Page - NXP Semiconductors 2N3866 Datasheet HTML 3Page - NXP Semiconductors 2N3866 Datasheet HTML 4Page - NXP Semiconductors 2N3866 Datasheet HTML 5Page - NXP Semiconductors 2N3866 Datasheet HTML 6Page - NXP Semiconductors 2N3866 Datasheet HTML 7Page - NXP Semiconductors 2N3866 Datasheet HTML 8Page - NXP Semiconductors 2N3866 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1995 Oct 27
5
Philips Semiconductors
Product specification
Silicon planar epitaxial
overlay transistors
2N3866; 2N4427
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
open emitter; IC = 100 µA
2N3866
55
V
2N4427
40
V
V(BR)CEO
collector-emitter breakdown voltage
open base; IC =5mA
2N3866
30
V
2N4427
20
V
V(BR)CER
collector-emitter breakdown voltage
RBE =10 Ω; IC =5mA
2N3866
55
V
2N4427
40
V
V(BR)EBO
emitter-base breakdown voltage
open collector; IE = 100 µA
2N3866
3.5
V
2N4427
2
V
VCEsat
collector-emitter saturation voltage
IC = 100 mA; IB =20mA
2N3866
1V
2N4427
0.5
V
ICEO
collector leakage current
2N3866
open base; VCE =28V
20
µA
2N4427
open base; VCE =12V
20
µA
hFE
DC current gain
2N3866
IC = 50 mA; VCE = 5 V
10
200
2N3866
IC = 360 mA; VCE =5V
5
2N4427
IC = 100 mA; VCE = 5 V
10
200
2N4427
IC = 360 mA; VCE =5V
5
fT
transition frequency
IC = 50 mA; VCE = 15 V; f = 200 MHz
500
MHz
Cc
collector capacitance
2N3866
VCB =28V; IE =Ie = 0; f = 1 MHz
3pF
2N4427
VCB =12V; IE =Ie = 0; f = 1 MHz
4pF
APPLICATION INFORMATION
Table 1
RF performance at Tmb =25 °C.
TYPE
NUMBER
f
(MHz)
VCE
(V)
Po
(W)
Gp
(dB)
IC
(mA)
η
(%)
2N3866
100
28
1.8
>10
<107
>60
250
28
1.5
>10
<107
>50
400
28
1.0
>10
<79
>45
2N4427
175
12
1.0
>10
<167
>50
470
12
0.4
>10
67
50


Similar Part No. - 2N3866

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3866 SEMICOA-2N3866 Datasheet
31Kb / 1P
   Chip Type 2C3866A Geometry 1007 Polarity NPN
logo
Inchange Semiconductor ...
2N3866 ISC-2N3866 Datasheet
256Kb / 2P
   isc Silicon NPN Planar Epitaxial OverlayTransistor
logo
Microsemi Corporation
2N3866 MICROSEMI-2N3866 Datasheet
331Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
List of Unclassifed Man...
2N3866 ETC-2N3866 Datasheet
380Kb / 6P
   46 DARRAND STREET BLOOMFIELD, NEW JERSEY 07003
logo
Advanced Semiconductor
2N3866 ASI-2N3866 Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - 2N3866

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N3553 PHILIPS-2N3553 Datasheet
45Kb / 8P
   Silicon planar epitaxial overlay transistor
1995 Oct 27
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com