Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMNR1288DV-70I Datasheet(PDF) 8 Page - Hanbit Electronics Co.,Ltd

Part # HMNR1288DV-70I
Description  5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMNR1288DV-70I Datasheet(HTML) 8 Page - Hanbit Electronics Co.,Ltd

Back Button HMNR1288DV-70I Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMNR1288DV-70I Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMNR1288DV-70I Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMNR1288DV-70I Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMNR1288DV-70I Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMNR1288DV-70I Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HMNR1288DV-70I Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HMNR1288DV-70I Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd HMNR1288DV-70I Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
HANBit
HMNR1288D(V)
URL : www.hbe.co.kr
8
HANBit Electronics Co.,Ltd
Rev. 1.0 (April, 2002)
Data Retention Mode
With valid VCC applied, the HMNR1288D(V) operates as a conventional Bytewide static RAM. Should the supply voltage
decay, the RAM will automatically deselect, write protecting itself when VCC falls between VPFD (max), VPFD (min) window.
All outputs become high impedance and all inputs are treated as “Don't care.”
Note : A power failure during a WRITE cycle may corrupt data at the current addressed location, but does not jeopardize
the rest of the RAM's content. At voltages below VPFD (min), the memory will be in a write protected state, provided the VCC
fall time is not less than tF. The HMNR1288D(V) may respond to transient noise spikes on VCC that cross into the deselect
window during the time the device is sampling VCC. Therefore, decoupling of the power supply lines is recommended.
When VCC drops below VSO, the control circuit switches power to the internal battery, preserving data and powering the
clock. The internal energy source will maintain data in the HMNR1288D(V) for an accumulated period of at least 10 years
at room temperature. As system power rises above VSO, the battery is disconnected, and the power supply is switched to
external VCC . Write protection continues until VCC reaches VPFD (min) plus tREC (min). Normal RAM operation can resume
tREC after VCC exceeds VPFD (max).
Figure 5. Power Down/Up Mode AC Waveforms
Power Down/Up AC Characteristics
Symbol
Parameter
Min
Max
Unit
tF
(2)
VPFD (max) to VPFD (min) VCC Fall Time
300
uS
HMNR1288D
10
uS
tFB
(3)
VPFD (min) to VSS VCC Fall Time
HMNR1288DV
150
uS
tR
VPFD (min) to VPFD (max) VCC Rise Time
10
uS
tREC
(4)
VPFD (max) to RST High
40
200
uS
tRB
VSS to VPFD (min) VCC Rise Time
5
uS
Note :
1. Valid for Ambient Operating Temperature: TA = 0 to 70° C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200 µs after
VCC passes VPFD (min).
3. VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.


Similar Part No. - HMNR1288DV-70I

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMNR1288DV DLGHANBIT-HMNR1288DV Datasheet
727Kb / 11P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
More results

Similar Description - HMNR1288DV-70I

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMNR1288D DLGHANBIT-HMNR1288D Datasheet
727Kb / 11P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
logo
STMicroelectronics
M48T129Y STMICROELECTRONICS-M48T129Y_05 Datasheet
481Kb / 30P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
logo
Hanbit Electronics Co.,...
HMNR5128D HANBIT-HMNR5128D Datasheet
274Kb / 13P
   5.0 or 3.3V, 4 Mbit (512 Kbit x 8) TIMEKEEPER NVSRAM
logo
DLG Hanbit co.,Ltd.
HMNR5128D DLGHANBIT-HMNR5128D Datasheet
724Kb / 11P
   5.0 or 3.3V, 4 Mbit (512 Kbit x 8) TIMEKEEPER NVSRAM
logo
Hanbit Electronics Co.,...
HMNR88D HANBIT-HMNR88D Datasheet
258Kb / 13P
   5.0 or 3.3V, 64K bit (8 Kbit x 8) TIMEKEEPER NVSRAM
logo
DLG Hanbit co.,Ltd.
HMNR88D DLGHANBIT-HMNR88D Datasheet
741Kb / 12P
   5.0 or 3.3V, 64K bit (8 Kbit x 8) TIMEKEEPER NVSRAM
logo
Hanbit Electronics Co.,...
HMNR28D HANBIT-HMNR28D Datasheet
271Kb / 13P
   5.0 or 3.3V, 16K bit (2 Kbit x 8) TIMEKEEPER NVSRAM
HMNR328D HANBIT-HMNR328D Datasheet
302Kb / 13P
   5.0 or 3.3V, 256K bit (32 Kbit x 8) TIMEKEEPER NVSRAM
logo
DLG Hanbit co.,Ltd.
HMNR328D DLGHANBIT-HMNR328D Datasheet
716Kb / 10P
   5.0 or 3.3V, 256K bit (32 Kbit x 8) TIMEKEEPER NVSRAM
HMNR28D DLGHANBIT-HMNR28D Datasheet
836Kb / 11P
   5.0 or 3.3V, 16K bit (2 Kbit x 8) TIMEKEEPER NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com