Electronic Components Datasheet Search |
|
HMS1M32Z8A Datasheet(PDF) 7 Page - Hanbit Electronics Co.,Ltd |
|
HMS1M32Z8A Datasheet(HTML) 7 Page - Hanbit Electronics Co.,Ltd |
7 / 9 page HANBit HMS1M32M8A/Z8A HANBit Electronics Co.,Ltd. 7 Notes(Write Cycle) 1. All write cycle timing is referenced from the last valid address to the first transition address. 2. A write occurs during the overlap of a low /CE and a low /WE. A write begins at the latest transition among /CE going low and /WE going low: A write ends at the earliest transition among /CE going high and /WE going high. tWP is measured from the beginning of write to the end of write. 3. tCW is measured from the later of /CE going low to the end of write. 4. tAS is measured from the address valid to the beginning of wirte. 5. tWR is measured from the end of write to the address change. tWR applied in case a write ends as /CE, or /WE going high. 6. If /OE,/CE and /WE are in the read mode during this period, the I/O pins are in the output low-Z state. Inputs of opposite phase of the output must not be applied because bus contention can occur. 7. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycle. 8. If /CE goes low simultaneously with /WE going low or after /WE going low, the outputs remain high impedance state. 9. DOUT is the read data of the new address. 10. When /CE is low: I/O pins are in the output state. The input signals in the opposite phase leading to the output should not be applied. FUNCTIONAL DESCRIPTION /CE /WE /OE MODE I/O PIN SUPPLY CURRENT H X* X Not Select High-Z I SB, I SB1 L H H Output Disable High-Z ICC LH L Read DOUT ICC L L X Write DIN ICC Note: X means Don't Care |
Similar Part No. - HMS1M32Z8A |
|
Similar Description - HMS1M32Z8A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |