Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS1M32Z8A-12 Datasheet(PDF) 8 Page - Hanbit Electronics Co.,Ltd

Part # HMS1M32Z8A-12
Description  SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS1M32Z8A-12 Datasheet(HTML) 8 Page - Hanbit Electronics Co.,Ltd

  HMS1M32Z8A-12 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMS1M32Z8A-12 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS1M32Z8A-12 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS1M32Z8A-12 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS1M32Z8A-12 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS1M32Z8A-12 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS1M32Z8A-12 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMS1M32Z8A-12 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMS1M32Z8A-12 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HANBit
HMS1M32M8A/Z8A
HANBit Electronics Co.,Ltd.
8
PACKAGING DIMMENSIONS
SIMM Design
(Solder & Gold Plating Lead)
ZIP Design
89 mm
CUT 1.5 mm
6 mm
1
64
14 mm
2.54 mm
40 mm
2 mm
90 mm
1.29
±0.08 mm
2.5 mm
10.16 mm
6.35 mm
1.29
±0.08 mm
1
64
98.04 mm
6.35 mm
2.03 mm
1.02 mm
6.35 mm
1.27 mm
85.09 mm
3.34 mm
16 mm
0.25 mm MAX
MIN
2.54 mm
1.27
Gold : 1.04
±0.10 mm
Solder : 0.914
±0.10 mm


Similar Part No. - HMS1M32Z8A-12

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS1M32Z8 HANBIT-HMS1M32Z8 Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32Z8G-10 HANBIT-HMS1M32Z8G-10 Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32Z8G-12 HANBIT-HMS1M32Z8G-12 Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32Z8G-15 HANBIT-HMS1M32Z8G-15 Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32Z8G-17 HANBIT-HMS1M32Z8G-17 Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
More results

Similar Description - HMS1M32Z8A-12

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS1M32M8G HANBIT-HMS1M32M8G Datasheet
243Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit)
HMS1M32M8V HANBIT-HMS1M32M8V Datasheet
193Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) 3.3V
HMF1M32M4GL HANBIT-HMF1M32M4GL Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMS1M32M8S HANBIT-HMS1M32M8S Datasheet
190Kb / 10P
   High-Speed SRAM MODULE 4Mbyte(1M x 32-Bit)
HMF1M32M8S HANBIT-HMF1M32M8S Datasheet
423Kb / 10P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8G HANBIT-HMF1M32M8G Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8P HANBIT-HMF1M32M8P Datasheet
424Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMS2M32M16V HANBIT-HMS2M32M16V Datasheet
81Kb / 8P
   SRAM MODULE 8Mbyte (2M x 32-Bit), 3.3V 72-Pin SIMM Design
logo
MOSAIC
SYS321000ZK-012 MOSAIC-SYS321000ZK-012 Datasheet
137Kb / 7P
   1M x 32 SRAM MODULE
logo
Hanbit Electronics Co.,...
HMS12832M4G HANBIT-HMS12832M4G Datasheet
123Kb / 11P
   SRAM MODULE 512KByte (128K x 32-Bit), 64PIN SIMM / ZIP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com