Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS4M16F16G-10 Datasheet(PDF) 7 Page - Hanbit Electronics Co.,Ltd

Part # HMS4M16F16G-10
Description  SRAM MODULE 8Mbyte(4M x 16-Bit) 80-Pin SMM 5V
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS4M16F16G-10 Datasheet(HTML) 7 Page - Hanbit Electronics Co.,Ltd

  HMS4M16F16G-10 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMS4M16F16G-10 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS4M16F16G-10 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS4M16F16G-10 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS4M16F16G-10 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS4M16F16G-10 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS4M16F16G-10 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMS4M16F16G-10 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
HANBit
HMS4M16F16G
URL: www.hbe.co.kr
7
HANBit Electronics Co.,Ltd.
Rev. 1.0 (September / 2002)
ORDERING INFORMATION
`
PACKAGE DIMENSIONS
Unit : mm
Part Number
Density
Org.
Package
Component
Number
Vcc
SPEED
HMS4M16F16G-10
8MByte
4M
×16bit
80Pin-SMM
16EA
5.0V
10ns
HMS4M16F16G-12
8MByte
4M
×16bit
80Pin-SMM
16EA
5.0V
12ns
HMS4M16F16G-15
8MByte
4M
×16bit
80Pin-SMM
16EA
5.0V
15ns
HMS4M16F16G-17
8MByte
4M
×16bit
80Pin-SMM
16EA
5.0V
17ns
HMS4M16F16G-20
8MByte
4M
×16bit
80Pin-SMM
16EA
5.0V
20ns
150.00± 0.2
5.08± 0.2
3.15
3.15
26.50± 0.2
3.15
20.20
3.15
5.08± 0.2
P1
P2
1
20
21
40
1
20
21
40


Similar Part No. - HMS4M16F16G-10

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS4M16M16G HANBIT-HMS4M16M16G Datasheet
246Kb / 10P
   SRAM MODULE 8Mbyte(4M x 16-Bit)
HMS4M16M16G-10 HANBIT-HMS4M16M16G-10 Datasheet
246Kb / 10P
   SRAM MODULE 8Mbyte(4M x 16-Bit)
HMS4M16M16G-12 HANBIT-HMS4M16M16G-12 Datasheet
246Kb / 10P
   SRAM MODULE 8Mbyte(4M x 16-Bit)
HMS4M16M16G-15 HANBIT-HMS4M16M16G-15 Datasheet
246Kb / 10P
   SRAM MODULE 8Mbyte(4M x 16-Bit)
HMS4M16M16G-17 HANBIT-HMS4M16M16G-17 Datasheet
246Kb / 10P
   SRAM MODULE 8Mbyte(4M x 16-Bit)
More results

Similar Description - HMS4M16F16G-10

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS4M16M16G HANBIT-HMS4M16M16G Datasheet
246Kb / 10P
   SRAM MODULE 8Mbyte(4M x 16-Bit)
HMS2M32M16G HANBIT-HMS2M32M16G Datasheet
282Kb / 10P
   SRAM MODULE 8Mbyte (2M x 32-Bit)
HMF8M8F4VS HANBIT-HMF8M8F4VS Datasheet
157Kb / 11P
   FLASH-ROM MODULE 8MByte (8M x 8-Bit) , SMM 80Pin
HMF8M8F4V HANBIT-HMF8M8F4V Datasheet
557Kb / 12P
   FLASH-ROM MODULE 8MByte (8M x 8-Bit) - SMM Packages
HMF1M64F4V HANBIT-HMF1M64F4V Datasheet
294Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VS HANBIT-HMF1M64F4VS Datasheet
288Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMS12864F8V HANBIT-HMS12864F8V Datasheet
82Kb / 9P
   SRAM MODULE 1MByte (128K x 64 bit), 120-Pin SMM, 3.3V
HMS12864F8VL HANBIT-HMS12864F8VL Datasheet
78Kb / 9P
   SRAM MODULE 1MByte (128K x 64 bit), 120-Pin SMM, 3.3V
HMF1M64F4VA HANBIT-HMF1M64F4VA Datasheet
557Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMS2M32M16V HANBIT-HMS2M32M16V Datasheet
81Kb / 8P
   SRAM MODULE 8Mbyte (2M x 32-Bit), 3.3V 72-Pin SIMM Design
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com