Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS3224M3-15 Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMS3224M3-15
Description  SRAM MODULE 768KBit (32K x 24-Bit)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS3224M3-15 Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMS3224M3-15 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMS3224M3-15 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS3224M3-15 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS3224M3-15 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS3224M3-15 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS3224M3-15 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS3224M3-15 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMS3224M3-15 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMS3224M3-15 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HANBit
HMS3224M3/Z3
HANBit Electronics Co.,Ltd.
4
DC AND OPERATING CHARACTERISTICS (2)
MAX
DESCRIPTION
TEST CONDITIONS
SYMBOL
-12
-15
-20
UNIT
Power Supply
Current: Operating
Min. Cycle, 100% Duty
/CE=VIL, VIN=VIH or VIL,
IOUT=0mA
lCC
495
450
420
mA
Min. Cycle, /CE=VIH
lSB
120
120
120
mA
Power Supply
Current :Standby
f=0MHZ, /CE
≥V
CC-0.2V,
VIN
≥ V
CC-0.2V or VIN
≤0.2V
lSB1
66
6
mA
CAPACITANCE
DESCRIPTION
TEST CONDITIONS
SYMBOL
MAX
UNIT
Input /Output Capacitance
VI/O=0V
CI/O
24
pF
Input Capacitance
VIN=0V
CIN
21
pF
* NOTE : Capacitance is sampled and not 100% tested
AC CHARACTERISTICS (0oC
≤ TA ≤ 70 oC ; Vcc = 5V ± 0.5V, unless otherwise specified)
TEST CONDITIONS
PARAMETER
VALUE
Input Pulse Level
0 to 3V
Input Rise and Fall Time
3ns
Input and Output Timing Reference Levels
1.5V
Output Load
See below
Output
Load
+5V
480
255
30pF*
DOUT
+5V
480
255
5pF*
DOUT
Output Load (B)
for tHZ, tLZ, tWHZ, tOW, tOLZ & tOHZ


Similar Part No. - HMS3224M3-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMS30C7080 ETC-HMS30C7080 Datasheet
36Kb / 2P
   Mobile Phone Camera Back-End Processor
HMS30C7110 ETC-HMS30C7110 Datasheet
973Kb / 161P
   Multipurpose Network Processor
logo
Hynix Semiconductor
HMS30C7202 HYNIX-HMS30C7202 Datasheet
1Mb / 136P
   32-bit ARM7TDMI RISC static CMOS CPU core
logo
List of Unclassifed Man...
HMS30C7202N ETC1-HMS30C7202N Datasheet
2Mb / 179P
   Highly-intergrated MPU
HMS30C7210 ETC-HMS30C7210 Datasheet
2Mb / 337P
   ARM Based 32-Bit Microprocessor
More results

Similar Description - HMS3224M3-15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308 AMICC-A625308 Datasheet
126Kb / 13P
   32K X 8 BIT CMOS SRAM
logo
Hynix Semiconductor
HY62C256 HYNIX-HY62C256 Datasheet
376Kb / 11P
   32K x 8-BIT CMOS SRAM
logo
AMIC Technology
A625308A AMICC-A625308A Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
logo
Taiwan Memory Technolog...
T35L3232B TMT-T35L3232B Datasheet
261Kb / 19P
   32K x 32 SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com