Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS3224M3-20 Datasheet(PDF) 8 Page - Hanbit Electronics Co.,Ltd

Part # HMS3224M3-20
Description  SRAM MODULE 768KBit (32K x 24-Bit)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS3224M3-20 Datasheet(HTML) 8 Page - Hanbit Electronics Co.,Ltd

Back Button HMS3224M3-20 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS3224M3-20 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS3224M3-20 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS3224M3-20 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS3224M3-20 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS3224M3-20 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMS3224M3-20 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMS3224M3-20 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HMS3224M3-20 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
HANBit
HMS3224M3/Z3
HANBit Electronics Co.,Ltd.
8
3. tCW is measured from the later of /CE going low to the end of write.
4. tAS is measured from the address valid to the beginning of write.
5. tWR is measured from the end of write to the address change. tWR applied in case a write ends as /CE, or /WE going high.
6. If /OE,/CE and /WE are in the read mode during this period, the I/O pins are in the output low-Z state. Inputs of
opposite
phase of the output must not be applied because bus contention can occur.
7. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and
write
cycle.
8. If /CE goes low simultaneously with /WE going low or after /WE going low, the outputs remain high impedance state.
9. DOUT is the read data of the new address.
10. When /CE is low: I/O pins are in the output state. The input signals in the opposite phase leading to the output should
not be applied.
FUNCTIONAL DESCRIPTION
/CE
/WE
/OE
MODE
I/O PIN
SUPPLY CURRENT
H
X*
X
Not Select
High-Z
l SB, l SB1
L
H
H
Output Disable
High-Z
lCC
LH
L
Read
DOUT
lCC
L
L
X
Write
DIN
lCC
Note: X means Don't Care


Similar Part No. - HMS3224M3-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMS30C7080 ETC-HMS30C7080 Datasheet
36Kb / 2P
   Mobile Phone Camera Back-End Processor
HMS30C7110 ETC-HMS30C7110 Datasheet
973Kb / 161P
   Multipurpose Network Processor
logo
Hynix Semiconductor
HMS30C7202 HYNIX-HMS30C7202 Datasheet
1Mb / 136P
   32-bit ARM7TDMI RISC static CMOS CPU core
logo
List of Unclassifed Man...
HMS30C7202N ETC1-HMS30C7202N Datasheet
2Mb / 179P
   Highly-intergrated MPU
HMS30C7210 ETC-HMS30C7210 Datasheet
2Mb / 337P
   ARM Based 32-Bit Microprocessor
More results

Similar Description - HMS3224M3-20

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308 AMICC-A625308 Datasheet
126Kb / 13P
   32K X 8 BIT CMOS SRAM
logo
Hynix Semiconductor
HY62C256 HYNIX-HY62C256 Datasheet
376Kb / 11P
   32K x 8-BIT CMOS SRAM
logo
AMIC Technology
A625308A AMICC-A625308A Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
logo
Taiwan Memory Technolog...
T35L3232B TMT-T35L3232B Datasheet
261Kb / 19P
   32K x 32 SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com