Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS12864F8V-12 Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMS12864F8V-12
Description  SRAM MODULE 1MByte (128K x 64 bit), 120-Pin SMM, 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS12864F8V-12 Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMS12864F8V-12 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMS12864F8V-12 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS12864F8V-12 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS12864F8V-12 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS12864F8V-12 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS12864F8V-12 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS12864F8V-12 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMS12864F8V-12 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMS12864F8V-12 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HANBit
HMS12864F8V
HANBit Electronics Co.,Ltd.
11
WRITE CYCLE
-12
-15
-20
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Write Cycle Time
tWC
12
15
20
ns
Chip Select to End of Write
tCW
8
9
10
ns
Address Set-up Time
tAS
0
0
0
ns
Address Valid to End of Write
tAW
8
9
10
ns
Write Pulse Width
tWP
8
9
910
ns
Write Recovery Time
tWR
0
0
0
ns
Write to Output High-Z
tWHZ
0
6
0
7
0
8
ns
Data to Write Time Overlap
tDW
6
7
8
ns
Data Hold from Write Time
tDH
0
0
0
ns
End of Write to Output Low-Z
tOW
3
3
3
ns
TIMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(Address Controlled) ( /CE =/ OE = VIL , /WE = VIH)
tRC
Address
Data out
Previous Data Valid
Data Valid
tOH
tAA


Similar Part No. - HMS12864F8V-12

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS12864F8VL HANBIT-HMS12864F8VL Datasheet
78Kb / 9P
   SRAM MODULE 1MByte (128K x 64 bit), 120-Pin SMM, 3.3V
HMS12864F8VL-100 HANBIT-HMS12864F8VL-100 Datasheet
78Kb / 9P
   SRAM MODULE 1MByte (128K x 64 bit), 120-Pin SMM, 3.3V
HMS12864F8VL-70 HANBIT-HMS12864F8VL-70 Datasheet
78Kb / 9P
   SRAM MODULE 1MByte (128K x 64 bit), 120-Pin SMM, 3.3V
More results

Similar Description - HMS12864F8V-12

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS12864F8VL HANBIT-HMS12864F8VL Datasheet
78Kb / 9P
   SRAM MODULE 1MByte (128K x 64 bit), 120-Pin SMM, 3.3V
HMS25632J2V HANBIT-HMS25632J2V Datasheet
55Kb / 7P
   SRAM MODULE 1Mbyte (256K x 32-Bit) 3.3V, 68-Pin JLCC Packaging
HMS25632M8B HANBIT-HMS25632M8B Datasheet
232Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit) , 72-Pin
HMS25632M8G HANBIT-HMS25632M8G Datasheet
247Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit)
HMF25664F4V HANBIT-HMF25664F4V Datasheet
579Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4V HANBIT-HMF1M64F4V Datasheet
294Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VS HANBIT-HMF1M64F4VS Datasheet
288Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8V HANBIT-HMF2M64F8V Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VS HANBIT-HMF2M64F8VS Datasheet
297Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VP HANBIT-HMF25664F4VP Datasheet
426Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com