Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS12864F8V-20 Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMS12864F8V-20
Description  SRAM MODULE 1MByte (128K x 64 bit), 120-Pin SMM, 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS12864F8V-20 Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMS12864F8V-20 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMS12864F8V-20 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS12864F8V-20 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS12864F8V-20 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS12864F8V-20 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS12864F8V-20 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS12864F8V-20 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMS12864F8V-20 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMS12864F8V-20 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HANBit
HMS12864F8V
HANBit Electronics Co.,Ltd.
10
AC CHARACTERISTICS (0oC
≤ TA ≤ 70 oC ; Vcc = 3.3V ± 0.3V, unless otherwise specified)
Test conditions
PARAMETER
VALUE
Input Pulse Level
0V to 3V
Input Rise and Fall Time
3ns
Input and Output Timing Reference Levels
1.5V
Output Load
See below
READ CYCLE
-12
-15
-20
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Read Cycle Time
tRC
12
15
20
ns
Address Access Time
tAA
12
15
20
ns
Chip Select to Output
tCO
12
15
20
ns
Output Enable to Output
tOE
6
7
9
ns
Output Enable to Low-Z Output
tOLZ
0
0
0
ns
Chip Enable to Low-Z Output
tLZ
3
3
3
ns
Output Disable to High-Z Output
tOHZ
0
6
0
7
0
9
ns
Chip Disable to High-Z Output
tHZ
0
6
0
7
0
9
ns
Output Hold from Address Change
tOH
3
3
3
ns
Chip Select to Power Up Time
tPU
0
0
0
ns
Chip Select to Power Down Time
tPD
-
12
15
20
ns
+3.3V
319
353
5pF*
DOUT
Output Load (B)
for tHZ, tLZ, tWHZ, tOW, tOLZ & tOHZ
VL=1.5V
50
30pF
DOUT
Z0=50
Output Load (A)


Similar Part No. - HMS12864F8V-20

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS12864F8VL HANBIT-HMS12864F8VL Datasheet
78Kb / 9P
   SRAM MODULE 1MByte (128K x 64 bit), 120-Pin SMM, 3.3V
HMS12864F8VL-100 HANBIT-HMS12864F8VL-100 Datasheet
78Kb / 9P
   SRAM MODULE 1MByte (128K x 64 bit), 120-Pin SMM, 3.3V
HMS12864F8VL-70 HANBIT-HMS12864F8VL-70 Datasheet
78Kb / 9P
   SRAM MODULE 1MByte (128K x 64 bit), 120-Pin SMM, 3.3V
More results

Similar Description - HMS12864F8V-20

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS12864F8VL HANBIT-HMS12864F8VL Datasheet
78Kb / 9P
   SRAM MODULE 1MByte (128K x 64 bit), 120-Pin SMM, 3.3V
HMS25632J2V HANBIT-HMS25632J2V Datasheet
55Kb / 7P
   SRAM MODULE 1Mbyte (256K x 32-Bit) 3.3V, 68-Pin JLCC Packaging
HMS25632M8B HANBIT-HMS25632M8B Datasheet
232Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit) , 72-Pin
HMS25632M8G HANBIT-HMS25632M8G Datasheet
247Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit)
HMF25664F4V HANBIT-HMF25664F4V Datasheet
579Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4V HANBIT-HMF1M64F4V Datasheet
294Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VS HANBIT-HMF1M64F4VS Datasheet
288Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8V HANBIT-HMF2M64F8V Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VS HANBIT-HMF2M64F8VS Datasheet
297Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VP HANBIT-HMF25664F4VP Datasheet
426Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com