Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS25632Z8 Datasheet(PDF) 9 Page - Hanbit Electronics Co.,Ltd

Part # HMS25632Z8
Description  SRAM MODULE 1Mbyte (256K x 32-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS25632Z8 Datasheet(HTML) 9 Page - Hanbit Electronics Co.,Ltd

  HMS25632Z8 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMS25632Z8 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS25632Z8 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS25632Z8 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS25632Z8 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS25632Z8 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS25632Z8 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMS25632Z8 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMS25632Z8 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
HANBit
HMS25632M8G/Z8
HANBit Electronics Co.,Ltd.
9
ORDERING INFORMATION
1. - Product Line Identifier
HANBit ------------------------------------------------------ H
2. - Memory Modules
3. - SRAM
4. - Depth : 256K
5. - Width : x 32bit
6. - Package Code
SIMM ------------------------------------------------------- M
ZIP
------------------------------------------------------- Z
7. - Number of Memory Components ---8 , Gold Plate Lead --G
8. - Access time
8 ----------------------------------------------------------- 8ns
10 ----------------------------------------------------------- 10ns
12 ----------------------------------------------------------- 12ns
15 ----------------------------------------------------------- 15ns
20 ----------------------------------------------------------- 20ns
SRAM
x32bit
1
2
3
4
5
6
7
8
15ns Access Time
H M S
256 32 M 8G -15
HANBit
Memory
Modules
SIMM
256K
Component, Gold


Similar Part No. - HMS25632Z8

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS25632Z8B HANBIT-HMS25632Z8B Datasheet
232Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit) , 72-Pin
HMS25632Z8B-10 HANBIT-HMS25632Z8B-10 Datasheet
232Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit) , 72-Pin
HMS25632Z8B-12 HANBIT-HMS25632Z8B-12 Datasheet
232Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit) , 72-Pin
HMS25632Z8B-15 HANBIT-HMS25632Z8B-15 Datasheet
232Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit) , 72-Pin
HMS25632Z8B-17 HANBIT-HMS25632Z8B-17 Datasheet
232Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit) , 72-Pin
More results

Similar Description - HMS25632Z8

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS25632M8B HANBIT-HMS25632M8B Datasheet
232Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit) , 72-Pin
HMS25632J2V HANBIT-HMS25632J2V Datasheet
55Kb / 7P
   SRAM MODULE 1Mbyte (256K x 32-Bit) 3.3V, 68-Pin JLCC Packaging
HMS25632J2 HANBIT-HMS25632J2 Datasheet
49Kb / 6P
   SRAM MODULE 1Mbyte (256K x 32-Bit), 5V, 68-Pin JLCC Design
logo
MOSAIC
SYS32256ZK-12 MOSAIC-SYS32256ZK-12 Datasheet
62Kb / 2P
   256K x 32 SRAM MODULE
logo
Hitachi Semiconductor
HM62256B HITACHI-HM62256B Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
logo
Lyontek Inc.
LY61L25732A LYONTEK-LY61L25732A_17 Datasheet
779Kb / 13P
   256K X 32 BIT HIGH SPEED CMOS SRAM
logo
Hanbit Electronics Co.,...
HMS12864F8V HANBIT-HMS12864F8V Datasheet
82Kb / 9P
   SRAM MODULE 1MByte (128K x 64 bit), 120-Pin SMM, 3.3V
HMS12864F8VL HANBIT-HMS12864F8VL Datasheet
78Kb / 9P
   SRAM MODULE 1MByte (128K x 64 bit), 120-Pin SMM, 3.3V
logo
GSI Technology
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132AB GSI-GS78132AB Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com