Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMD2M64B2-10 Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMD2M64B2-10
Description  Synchronous DRAM Module 16Mbyte (2Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD2M64B2-10 Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMD2M64B2-10 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD2M64B2-10 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD2M64B2-10 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD2M64B2-10 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD2M64B2-10 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD2M64B2-10 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD2M64B2-10 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMD2M64B2-10 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMD2M64B2-10 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HANBit
HSD2M64B2
URL:www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
5
DC OPERATING CONDITIONS
(Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0 to 70
°C) )
PARAMETER
SYMBOL
MIN
TYP.
MAX
UNIT
NOTE
Supply Voltage
Vcc
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
3.0
Vcc+0.3
V
1
Input Low Voltage
VIL
-0.3
0
0.8
V
2
Output High Voltage
VOH
2.4
-
-
V
IOH = -2mA
Output Low Voltage
VOL
-
-
0.4
V
IOL = 2mA
Input leakage current
I LI
-10
-
10
uA
3
Notes:
1. VIH (max) = 5.6V AC. The overshoot voltage duration is ≤ 3ns.
2. VIL (min) = -2.0V AC. The undershoot voltage duration is ≤ 3ns.
3. Any input 0V
≤ V
IN ≤ VDDQ.
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
CAPACITANCE
(VCC = 3.3V, TA = 23
°C, f = 1MHz, VREF =1.4V ± 200 mV)
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Clock
CCLK
2.5
4.0
pF
/RAS, /CAS,/WE,/CS, CKE, DQM
CIN
2.5
4.5
pF
Address
CADD
2.5
4.5
pF
DQ (DQ0 ~ DQ31)
COUT
4.0
6.5
pF
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
VERSION
PARAMETER
SYMBOL
TEST
CONDITION
-8
-10
UNIT
NOTE
Operating current
(One bank active)
ICC1
Burst length = 1
tRC ≥ tRC(min)
IO = 0mA
130
115
mA
2
ICC2P
CKE
≤ V
IL(max)
tCC=10ns
2
mA
Precharge standby current in
power-down mode
ICC2PS
CKE & CLK
≤ V
IL(max)
tCC=∞
2
mA
Precharge standby current in
non power-down mode
ICC2N
CKE
≥ V
IH(min)
CS*
≥ V
IH(min),
tCC=10ns
Input signals are changed
one time during 20ns
20
mA


Similar Part No. - HMD2M64B2-10

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD2M32M4E HANBIT-HMD2M32M4E Datasheet
134Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
HMD2M32M4EAG HANBIT-HMD2M32M4EAG Datasheet
63Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
HMD2M32M4EAG-5 HANBIT-HMD2M32M4EAG-5 Datasheet
63Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
HMD2M32M4EAG-6 HANBIT-HMD2M32M4EAG-6 Datasheet
63Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
HMD2M32M4EAG-7 HANBIT-HMD2M32M4EAG-7 Datasheet
63Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
More results

Similar Description - HMD2M64B2-10

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD4M64B4 HANBIT-HSD4M64B4 Datasheet
87Kb / 11P
   Synchronous DRAM Module 32Mbyte (4Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B8A HANBIT-HSD16M64B8A Datasheet
106Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD4M64B4W HANBIT-HSD4M64B4W Datasheet
81Kb / 10P
   Synchronous DRAM Module 32Mbyte(4Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B8W HANBIT-HSD8M64B8W Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B8A HANBIT-HSD8M64B8A Datasheet
90Kb / 11P
   Synchronous DRAM Module 64Mbyte (8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B8W HANBIT-HSD16M64B8W Datasheet
109Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B4W HANBIT-HSD8M64B4W Datasheet
82Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD16M64B8W DLGHANBIT-HSD16M64B8W Datasheet
587Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM,4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD8M64D4B HANBIT-HSD8M64D4B Datasheet
85Kb / 11P
   Synchronous DRAM Module 64Mbyte (8Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64D8B HANBIT-HSD16M64D8B Datasheet
87Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com