Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSD8M32B4-10L Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # HSD8M32B4-10L
Description  Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 144pin SO-DIMM based on 4Mx16, 4Banks, 4K Ref., 3.3V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD8M32B4-10L Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  HSD8M32B4-10L Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HSD8M32B4-10L Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD8M32B4-10L Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD8M32B4-10L Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD8M32B4-10L Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD8M32B4-10L Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD8M32B4-10L Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD8M32B4-10L Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD8M32B4-10L Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HANBit
HSD8M32B4
URL:www.hbe.co.kr
- 1 -
HANBit Electronics Co.,Ltd
REV.1.0 (August.2002).
GENERAL DESCRIPTION
The HSD8M32B4 is a 8M x 32 bit Synchronous Dynamic RAM high density memory module. The module consists of
four CMOS 1M x 16 bit x 4banks Synchronous DRAMs in TSOP-II packages mounted on a 144-pin, FR-4-printed circuit
board. Two 0.01uF decoupling capacitor is mounted on the printed circuit board in parallel for each SDRAM. The
HSD8M32B4 is a SO-DIMM designed. Synchronous design allows precise cycle control with the use of system clock. I/O
transactions are possible on every clock cycle. Range of operating frequencies, programmable latencies allows the same
device to be useful for a variety of high bandwidth, high performance memory system applications All module components
may be powered from a single 3.3V DC power supply and all inputs and outputs are LVTTL-compatible.
FEATURES
• Part Identification
HSD8M32B4-10 : 100MHz ( CL=2)
HSD8M32B4-10L : 100MHz ( CL=3)
HSD8M32B4-12 : 125MHz ( CL=3)
HSD8M32B4-13 :133MHz ( CL=3)
• Burst mode operation
• Auto & self refresh capability (4096 Cycles/64ms)
• LVTTL compatible inputs and outputs
• Single 3.3V
±0.3V power supply
• MRS cycle with address key programs
- Latency (Access from column address)
- Burst length (1, 2, 4, 8 & Full page)
- Data scramble (Sequential & Interleave)
• All inputs are sampled at the positive going edge
of the system clock
• FR4-PCB design
• The used device is K4S641632D-TC
Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 144pin SO-DIMM based on
4Mx16, 4Banks, 4K Ref., 3.3V
Part No.
HSD8M32B4


Similar Part No. - HSD8M32B4-10L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD8M32F4V HANBIT-HSD8M32F4V Datasheet
82Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD8M32F4V-10 HANBIT-HSD8M32F4V-10 Datasheet
82Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD8M32F4V-10L HANBIT-HSD8M32F4V-10L Datasheet
82Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD8M32F4V-12 HANBIT-HSD8M32F4V-12 Datasheet
82Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD8M32F4V-13 HANBIT-HSD8M32F4V-13 Datasheet
82Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD8M32B4-10L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD4M64B4W HANBIT-HSD4M64B4W Datasheet
81Kb / 10P
   Synchronous DRAM Module 32Mbyte(4Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M32F4V HANBIT-HSD8M32F4V Datasheet
82Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD4M64B4 HANBIT-HSD4M64B4 Datasheet
87Kb / 11P
   Synchronous DRAM Module 32Mbyte (4Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M32M4V HANBIT-HSD8M32M4V Datasheet
89Kb / 10P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 72pin-SIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD8M64B8A HANBIT-HSD8M64B8A Datasheet
90Kb / 11P
   Synchronous DRAM Module 64Mbyte (8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B8W HANBIT-HSD16M64B8W Datasheet
109Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B4W HANBIT-HSD8M64B4W Datasheet
82Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD16M64B8W DLGHANBIT-HSD16M64B8W Datasheet
587Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM,4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD8M64B8W HANBIT-HSD8M64B8W Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD4M64D4B HANBIT-HSD4M64D4B Datasheet
127Kb / 10P
   Synchronous DRAM Module 32Mbyte (4Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com