Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

94SP107X0004CBP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 94SP107X0004CBP
Description  Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

94SP107X0004CBP Datasheet(HTML) 2 Page - Vishay Siliconix

  94SP107X0004CBP Datasheet HTML 1Page - Vishay Siliconix 94SP107X0004CBP Datasheet HTML 2Page - Vishay Siliconix 94SP107X0004CBP Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 90009
Revision 02-Jul-01
www.vishay.com
22
Type 94SP
Vishay
DIMENSIONS in inches (millimeters)
CASE
CODE
C'
E'
F'
C
E
F
Fo
G
Ø D x L
.248 x .197
[6.3 x 5.0]
.315 x .197
[8.0 x 5.0]
.394 x .197
[10.0 x 5.0]
.248 x .268
[6.3 x 6.8]
.315 x .413
[8.0 x 10.5]
.394 x .413
[10.0 x 10.5]
.394 x .787
[10.0 x 20.0]
.492 x .866
[12.5 x 22.0]
F
.098
± .020
[2.5
± 0.5]
.138
± .020
[3.5
± 0.5]
.197
± .020
[5.0
± 0.5]
.098
± .020
[2.5
± 0.5]
.138
± .020
[3.5
± 0.5]
.197
± .020
[5.0
± 0.5]
.197
± .020
[5.0
± 0.5]
.197
± .040
[5.0
± 1.0]
Ø d
.024
[0.6]
.024
[0.6]
.024
[0.6]
.024
[0.6]
.024
[0.6]
.024
[0.6]
.031
[0.8]
.031
[0.8]
G
(Max.)
.020
[0.5]
.031
[0.8]
.031
[0.8]
.020
[0.5]
.031
[0.8]
.031
[0.8]
.031
[0.8]
.031
[0.8]
K
(Max.)
.020
[0.5]
.031
[0.8]
.031
[0.8]
.020
[0.5]
.031
[0.8]
.031
[0.8]
.031
[0.8]
.031
[0.8]
Ø D
+ .020
[0.5]
Max.
L
+ .040 [1.0]
Max.
.157
[4.0]
Min.
Ø d
± .002 [0.05]
Sleeve
F
.591
[15.0]
Min.
.787 [20.0]
Min.
B
B'
G
.
A
C
A'
F
K
Mark • = Ideal Lead Position
C = The Middle Point of A-A'
*If any doubt arises, measure the current after applying voltage (voltage treatment) for 30 minutes at + 105
°C. The rated voltage should be
applied for all WV.
Standards of Lead Position
CHARACTERISTICS
- 55
°C ~ + 105°C
X0 =
± 20%
≤ Values in Standard Ratings Table
0.1 CV
≤ Values in Standard Ratings Table
- 55
°C
Z/Z20
°C
1.0 ~ 1.25
+ 105
°C
Z/Z20
°C
0.75 ~ 1.0
∆ C/C
Within
± 20% of the initial value
tan
δ≤ 1.5 times the value of Item 3
Leakage Current
≤ The value of Item 4
∆ C/C
Within
± 20% of the initial value
tan
δ≤ 2 times the value of Item 3
Leakage Current
≤ The value of Item 4
Temporary: Less than 20% of the rated voltage
Continuous: Less than 10% of the rated voltage
ENVIRONMENTAL PERFORMANCE
ITEMS
1. Operating Temperature Range
2. Capacitance Tolerance @ 120Hz
3. Tangent of Loss Angle (tan
δ) @ 120Hz
4. Maximum Leakage Current (
µA/2 minutes) (or less)*
5. Equivalent Series Resistance (
)
(100k ~ 300kHz)
6. Temperature Characteristics
Impedance Ratio at 100kHz
7. High Temperature Load (+ 105
°C, 1,000 hours)
Rated Voltage Applied
8. Moisture Resistance
(+ 60
°C, 90 ~ 95% RH, 1,000 hours, no voltage)
9. Reverse Voltage Guarantee


Similar Part No. - 94SP107X0004CBP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
94SP VISHAY-94SP Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
More results

Similar Description - 94SP107X0004CBP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SC VISHAY-94SC Datasheet
132Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision: 13-Sep-04
94SA156X0020CBP VISHAY-94SA156X0020CBP Datasheet
50Kb / 2P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 29-Jun-01
logo
Sanyo Semicon Device
10SC22M SANYO-10SC22M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
logo
List of Unclassifed Man...
PVH-4V151MF60E-F60 ETC2-PVH-4V151MF60E-F60 Datasheet
154Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE
logo
Vishay Siliconix
TD20100XXX VISHAY-TD20100XXX Datasheet
609Kb / 8P
   Trantalum Chip Capacitors Sintered Anode, Solid Semiconductor Electrolyte, 125C
logo
Taiyo Yuden (U.S.A.), I...
PVK-2R5V221MF60E-R2 TAIYO-YUDEN-PVK-2R5V221MF60E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-10V331MH80E-R2 TAIYO-YUDEN-PVK-10V331MH80E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-10V271MH80E-R2 TAIYO-YUDEN-PVK-10V271MH80E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-16V390MF60E-R2 TAIYO-YUDEN-PVK-16V390MF60E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com