Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM39LV088-90M Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM39LV088-90M
Description  8M Bits (1Mx8) Flash Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM39LV088-90M Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM39LV088-90M Datasheet HTML 6Page - ELAN Microelectronics Corp EM39LV088-90M Datasheet HTML 7Page - ELAN Microelectronics Corp EM39LV088-90M Datasheet HTML 8Page - ELAN Microelectronics Corp EM39LV088-90M Datasheet HTML 9Page - ELAN Microelectronics Corp EM39LV088-90M Datasheet HTML 10Page - ELAN Microelectronics Corp EM39LV088-90M Datasheet HTML 11Page - ELAN Microelectronics Corp EM39LV088-90M Datasheet HTML 12Page - ELAN Microelectronics Corp EM39LV088-90M Datasheet HTML 13Page - ELAN Microelectronics Corp EM39LV088-90M Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
EM39LV088
8M Bits (1Mx8) Flash Memory
SPECIFICATION
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 10 of 22
AC Characteristics
Read Cycle Timing Parameters
70REC
90REC
Symbol
Parameter
Min
Max
Min
Max
Unit
TRC
Read Cycle Time
70
90
ns
TCE
Chip Enable Access Time
70
90
ns
TAA
Address Access Time
70
90
ns
TOE
Output Enable Access Time
35
45
ns
TCLZ*
CE# Low to Active Output
0
0
ns
TOLZ*
OE# Low to Active Output
0
0
ns
TCHZ*
CE# High to High-Z Output
20
30
ns
TOHZ*
OE# High to High-Z Output
20
30
ns
TOH*
Output Hold from Address
Change
0
0
ns
* This parameter is measured only for initial qualification and after a design or process change that
could affect this parameter.
Table 9a: Read Cycle Timing Parameters
70EC
90EC
Symbol
Parameter
Min
Max
Min
Max
Unit
TRC
Read Cycle Time
70
90
ns
TCE
Chip Enable Access Time
70
90
ns
TAA
Address Access Time
70
90
ns
TOE
Output Enable Access Time
35
45
ns
TCLZ*
CE# Low to Active Output
0
0
ns
TOLZ*
OE# Low to Active Output
0
0
ns
TCHZ*
CE# High to High-Z Output
20
30
ns
TOHZ*
OE# High to High-Z Output
20
30
ns
TOH*
Output Hold from Address
Change
0
0
ns
* This parameter is measured only for initial qualification and after a design or process change that
could affect this parameter.
Table 9b: Read Cycle Timing Parameters


Similar Part No. - EM39LV088-90M

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM39LV010 EMC-EM39LV010 Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RD EMC-EM39LV010-45RD Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RH EMC-EM39LV010-45RH Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RL EMC-EM39LV010-45RL Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RM EMC-EM39LV010-45RM Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
More results

Similar Description - EM39LV088-90M

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F800T MCNIX-MX29F800T Datasheet
693Kb / 42P
   8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
logo
ELAN Microelectronics C...
EM39LV800 EMC-EM39LV800 Datasheet
295Kb / 25P
   8M Bits (512Kx16) Flash Memory
logo
Toshiba Semiconductor
TC58FVM7T2AFT65 TOSHIBA-TC58FVM7T2AFT65 Datasheet
622Kb / 69P
   128-MBIT (16M × 8 BITS/8M × 16 BITS) CMOS FLASH MEMORY
2004-09-01
logo
Sharp Corporation
LHF80V01 SHARP-LHF80V01 Datasheet
1Mb / 43P
   8M Flash Memory
LHF08S49 SHARP-LHF08S49 Datasheet
1Mb / 34P
   8M Flash Memory
LHF80V11 SHARP-LHF80V11 Datasheet
1Mb / 43P
   8M Flash Memory
logo
Macronix International
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800T MCNIX-MX29LV800T Datasheet
1Mb / 60P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29SL800CT MCNIX-MX29SL800CT Datasheet
734Kb / 64P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com