Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6427 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 2N6427
Description  NPN Darlington transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N6427 Datasheet(HTML) 3 Page - NXP Semiconductors

  2N6427 Datasheet HTML 1Page - NXP Semiconductors 2N6427 Datasheet HTML 2Page - NXP Semiconductors 2N6427 Datasheet HTML 3Page - NXP Semiconductors 2N6427 Datasheet HTML 4Page - NXP Semiconductors 2N6427 Datasheet HTML 5Page - NXP Semiconductors 2N6427 Datasheet HTML 6Page - NXP Semiconductors 2N6427 Datasheet HTML 7Page - NXP Semiconductors 2N6427 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Jul 04
3
Philips Semiconductors
Product specification
NPN Darlington transistor
2N6427
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
40
V
VCES
collector-emitter voltage
VBE =0
30
V
VEBO
emitter-base voltage
open collector
10
V
IC
collector current (DC)
500
mA
ICM
peak collector current
800
mA
IB
base current (DC)
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
625
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient note 1
200
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =30V
100
nA
IE = 0; VCB =30V; Tj = 150 °C
10
µA
ICES
collector cut-off current
VBE = 0; IB = 0; VCE =30V
100
nA
IEBO
emitter cut-off current
IC = 0; VEB =10V
100
nA
hFE
DC current gain
VCE = 5 V; note 1
IC = 10 mA
10000
100000
IC = 100 mA
20000
200000
IC = 500 mA
14000
140000
VCEsat
collector-emitter saturation voltage
IC = 50 mA; IB = 0.5 mA; note 1
1.2
V
IC = 500 mA; IB = 0.5 mA; note 1
1.5
V
VBEsat
base-emitter saturation voltage
IC = 500 mA; IB = 0.5 mA; note 1
2V
VBEon
base-emitter on-state voltage
IC = 50 mA; VCE =5V
1.75
V
fT
transition frequency
IC = 10 mA; VCE = 5 V; f = 100 MHz 125
MHz


Similar Part No. - 2N6427

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6427 ONSEMI-2N6427 Datasheet
153Kb / 6P
   Darlington Transistors(NPN Silicon)
February, 2001 ??Rev.1
logo
Samsung semiconductor
2N6427 SAMSUNG-2N6427 Datasheet
67Kb / 2P
   NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
2N6427 FAIRCHILD-2N6427 Datasheet
93Kb / 2P
   NPN Darlington Transistor
logo
ON Semiconductor
2N6427 ONSEMI-2N6427 Datasheet
111Kb / 8P
   Darlington Transistors
February, 2001 ??Rev.1
logo
Fairchild Semiconductor
2N6427 FAIRCHILD-2N6427 Datasheet
472Kb / 10P
   NPN Darlington Transistor
More results

Similar Description - 2N6427

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
   NPN (DARLINGTON TRANSISTOR)
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
   Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
   NPN Darlington Transistor
logo
NXP Semiconductors
BC517 PHILIPS-BC517 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 23
logo
Fairchild Semiconductor
TN6725A FAIRCHILD-TN6725A Datasheet
26Kb / 2P
   NPN Darlington Transistor
logo
First Components Intern...
BC618 FCI-BC618 Datasheet
73Kb / 5P
   NPN Darlington Transistor
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
   NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
   NPN Darlington Transistor
logo
Chenmko Enterprise Co. ...
CHBTA13PT CHENMKO-CHBTA13PT Datasheet
70Kb / 2P
   NPN Darlington Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com